Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8974GEFL/V Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
55
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Additional control
3:1
SR
000
Approximate sample rate (configures the
coefficients for the internal digital filters):
000=48kHz
001=32kHz
010=24kHz
011=16kHz
100=12kHz
101=8kHz
110-111=reserved
Table 51 Sample Rate Control
MASTER CLOCK AND PHASE LOCKED LOOP (PLL)
The WM8974 has an on-chip phase-locked loop (PLL) circuit that can be used to:
Generate master clocks for the WM8974 audio functions from another external clock, e.g. in
telecoms applications.
Generate and output (on pin CSB/GPIO) a clock for another part of the system that is derived from
an existing audio master clock.
Figure 31 shows the PLL and internal clocking arrangment on the WM8974.
The PLL can be enabled or disabled by the PLLEN register bit.
Note: In order to minimise current consumption, the PLL is disabled when the VMIDSEL[1:0] bits are
set to 00b. VMIDSEL[1:0] must be set to a value other than 00b to enable the PLL.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power management
1
5
PLLEN
0
PLL enable
0=PLL off
1=PLL on
Table 52 PLLEN Control Bit
Figure 31 PLL and Clock Select Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com