Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8974GEFL/V Datasheet(PDF) 75 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 75 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
75
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
6
INPPGAMUTE
0
Mute control for input PGA:
0=Input PGA not muted, normal operation
1=Input PGA muted (and disconnected from the following
input BOOST stage).
Input Signal Path
5:0
INPPGAVOL
010000
Input PGA volume
000000 = -12dB
000001 = -11.25db
.
010000 = 0dB
.
111111 = 35.25dB
Input Signal Path
8
PGABOOST
0
Input Boost
0 = PGA output has +0dB gain through input BOOST stage.
1 = PGA output has +20dB gain through input BOOST stage.
Input Signal Path
7
0
Reserved
6:4
MICP2BOOSTVOL 000
Controls the MICP pin to the input boost stage (NB, when
using this path set MICP2INPPGA=0):
000=Path disabled (disconnected)
001=-12dB gain through boost stage
010=-9dB gain through boost stage
…
111=+6dB gain through boost stage
Input Signal Path
3
0
Reserved
47 (2Fh)
2:0
AUX2BOOSTVOL 000
Controls the auxilliary amplifier to the input boost stage:
000=Path disabled (disconnected)
001=-12dB gain through boost stage
010=-9dB gain through boost stage
…
111=+6dB gain through boost stage
Input Signal Path
8:4
00000
Reserved
3
MONOBOOST
0
Mono output boost stage control (see Table 37 for details)
0=No boost (output is inverting buffer)
1=1.5x gain boost
Analogue Outputs
2
SPKBOOST
0
Speaker output boost stage control (see Table 37 for details)
0=No boost (outputs are inverting buffers)
1 = 1.5x gain boost
Analogue Outputs
1
TSDEN
1
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Output Switch
49 (31h)
0
VROI
0
VREF (AVDD/2 or 1.5xAVDD/2) to analogue output
resistance
0: approx 1k
Ω
1: approx 30 k
Ω
Analogue Outputs
8:6
000
Reserved
5
AUX2SPK
0
Output of auxiliary amplifier to speaker mixer input
0 = not selected
1 = selected
Analogue Outputs
4:2
000
Reserved
1
BYP2SPK
0
Bypass path (output of input boost stage) to speaker mixer
input
0 = not selected
1 = selected
Analogue Outputs
50 (32h)
0
DAC2SPK
0
Output of DAC to speaker mixer input
0 = not selected
1 = selected
Analogue Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com