Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8974GEFL/V Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 87 page
background image
WM8974
Production Data
w
PD Rev 4.2 March 2007
74
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2:0
NGTH
000
ALC Noise gate threshold:
000=-39dB
001=-45dB
010=-51db
… (6dB steps)
111=-81dB
Input Limiter /
Automatic Level
Control (ALC)
8:5
0000
Reserved
4
PLLPRESCALE
0
0 = MCLK input not divided (default)
1 = Divide MCLK by 2 before input PLL
Master Clock and
Phase Locked Loop
(PLL)
36 (24h)
3:0
PLLN[3:0]
1000
Integer (N) part of PLL input/output frequency ratio. Use
values greater than 5 and less than 13.
Master Clock and
Phase Locked Loop
(PLL)
8:6
000
Reserved
37 (25h)
5:0
PLLK[23:18]
001100
Fractional (K) part of PLL1 input/output frequency ratio (treat
as one 24-digit binary number).
Master Clock and
Phase Locked Loop
(PLL)
38 (26h)
8:0
PLLK[17:9]
010010011
Fractional (K) part of PLL1 input/output frequency ratio (treat
as one 24-digit binary number).
Master Clock and
Phase Locked Loop
(PLL)
39 (27h)
8:0
PLLK[8:0]
011101001
Fractional (K) part of PLL1 input/output frequency ratio (treat
as one 24-digit binary number).
Master Clock and
Phase Locked Loop
(PLL)
8:3
000000
Reserved
2
MONOATTN
0
Attenuation control for bypass path (output of input boost
stage) to mono mixer input
0 = 0dB
1 = -10dB
Analogue Outputs
1
SPKATTN
0
Attenuation control for bypass path (output of input boost
stage) to speaker mixer input
0 = 0dB
1 = -10dB
Analogue Outputs
40 (28h)
0
0
Reserved
8
MBVSEL
0
Microphone Bias Voltage Control
0 = 0.9 * AVDD
1 = 0.65 * AVDD
Input Signal Path
7:4
0000
Reserved
3
AUXMODE
0
Auxiliary Input Mode
0 = inverting buffer
1 = mixer (on-chip input resistor bypassed)
Input Signal Path
2
AUX2INPPGA
0
Select AUX amplifier output as input PGA signal source.
0=AUX not connected to input PGA
1=AUX connected to input PGA amplifier negative terminal.
Input Signal Path
1
MICN2INPPGA
1
Connect MICN to input PGA negative terminal.
0=MICN not connected to input PGA
1=MICN connected to input PGA amplifier negative terminal.
Input Signal Path
44 (2Ch)
0
MICP2INPPGA
1
Connect input PGA amplifier positive terminal to MICP or
VMID.
0 = input PGA amplifier positive terminal connected to VMID
1 = input PGA amplifier positive terminal connected to MICP
through variable resistor string
Input Signal Path
8
0
Reserved
45 (2Dh)
7
INPPGAZC
0
Input PGA zero cross enable:
0=Update gain when gain register changes
1=Update gain on 1st zero cross after gain register write.
Input Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com