Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8974GEFL/V Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
WM8974
Production Data
w
PD Rev 4.2 March 2007
46
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
0
VROI
0
VREF (AVDD/2 or 1.5xAVDD/2) to analogue
output resistance
0: approx 1k
Ω
1: approx 30 k
Ω
Table 43 Disabled Outputs to VREF Resistance
A dedicated buffer is available for tying off unused analogue I/O pins as shown in Figure 21. This
buffer can be enabled using the BUFIOEN register bit.
If the SPKBOOST or MONOBOOST bits are set then the relevant outputs will be tied to the output of
the DC level shift buffer at 1.5xAVDD/2 when disabled.
Table 44 summarises the tie-off options for the speaker and mono output pins.
Figure 21 Unused Input/Output Pin Tie-off Buffers
MONOEN/
SPKN/PEN
MONOBOOST/
SPKBOOST
VROI
OUTPUT CONFIGURATION
0
0
0
1kΩ tieoff to AVDD/2
0
0
1
30kΩ tieoff to AVDD/2
0
1
0
1kΩ tieoff to 1.5xAVDD/2
0
1
1
30kΩ tieoff to 1.5xAVDD/2
1
0
X
Output enabled (DC level=AVDD/2)
1
1
X
Output enabled (DC level=1.5xAVDD/2)
Table 44 Unused Output Pin Tie-off Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com