Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8974GEFL/V Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
45
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DAC2MONO
0
Output of DAC to mono mixer input
0 = not selected
1 = selected
1
BYP2MONO
0
Bypass path (output of input boost stage) to
mono mixer input
0 = non selected
1 = selected
2
AUX2MONO
0
Output of Auxillary amplifier to mono mixer
input:
0 = not selected
1 = selected
R56
Mono mixer control
6
MONOMUTE
0
0=No mute
1=Output muted. During mute the mono
output will output VMID which can be used
as a DC reference for a headphone out.
R40
Bypass path
attenuation control
2
MONOATTN
0
Attenuation control for bypass path (output
of input boost stage) to mono mixer input
0 = 0dB
1 = -10dB
Table 41 Mono Mixer Control
ENABLING THE OUTPUTS
Each analogue output of the WM8974 can be separately enabled or disabled. The analogue mixer
associated with each output has a separate enable. All outputs are disabled by default. To save
power, unused parts of the WM8974 should remain disabled.
Outputs can be enabled at any time, but it is not recommended to do so when BUFIO is disabled
(BUFIOEN=0), as this may cause pop noise (see “Power Management” and “Applications
Information” sections).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
BUFIOEN
0
Unused input/output tie off buffer enable
8
BUFDCOPEN
0
Output stage 1.5xAVDD/2 driver enable
R1
Power
management 1
3
BIASEN
0
Analogue amplifiers bias enable
2
SPKMIXEN
0
Speaker Mixer enable
3
MONOMIXEN
0
Mono mixer enable
5
SPKPEN
0
SPKOUTP enable
6
SPKNEN
0
SPKOUTN enable
R3
Power
management 3
7
MONOEN
0
MONOOUT enable
Note:
All “Enable” bits are 1 = ON, 0 = OFF
Table 42 Output Stages Power Management Control
UNUSED ANALOGUE INPUTS/OUTPUTS
Whenever an analogue input/output is disabled, it remains connected to a voltage source (either
AVDD/2 or 1.5xAVDD/2 as appropriate) through a resistor. This helps to prevent pop noise when the
output is re-enabled. The resistance between the voltage buffer and the output pins can be
controlled using the VROI contol bit. The default impedance is low, so that any capacitors on the
outputs can charge up quickly at start-up. If a high impedance is desired for disabled outputs, VROI
can then be set to 1, increasing the resistance to about 30k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com