Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8974GEFL/V Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
69
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
3
GPIOPOL
0
GPIO Polarity invert
0=Non inverted
1=Inverted
General Purpose
Input Output
2:0
GPIOSEL
000
CSB/GPIO pin function select:
000=CSB input
001= Jack insert detect
010=Temp ok
011=Amute active
100=PLL clk o/p
101=PLL lock
110=Reserved
111=Reserved
General Purpose
Input Output
9 (09h)
8:0
Reserved
8:7
00
Reserved
6
DACMU
0
DAC soft mute enable
0 = DACMU disabled
1 = DACMU enabled
Output Signal Path
5:4
DEEMPH
00
De-Emphasis Control
00 = No de-emphasis
01 = 32kHz sample rate
10 = 44.1kHz sample rate
11 = 48kHz sample rate
Output Signal Path
3
DACOSR128
0
DAC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
Power
Management
2
AMUTE
0
DAC auto mute enable
0 = auto mute disabled
1 = auto mute enabled
Output Signal Path
1
0
Reserved
10 (0Ah)
0
DACPOL
0
DAC Polarity Invert
0 = No inversion
1 = DAC output inverted
Output Signal Path
8
0
Reserved
11 (0Bh)
7:0
DACVOL
11111111
DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Output Signal Path
12 (0Ch)
8:0
Reserved
13 (0Dh)
8:0
Reserved
8
HPFEN
1
High Pass Filter Enable
0=disabled
1=enabled
Analogue to Digital
Converter (ADC)
7
HPFAPP
0
Select audio mode or application mode
0=Audio mode (1st order, fc = ~3.7Hz)
1=Application mode (2nd order, fc = HPFCUT)
Analogue to Digital
Converter (ADC)
6:4
HPFCUT
000
Application mode cut-off frequency
See Table 11 for details.
Analogue to Digital
Converter (ADC)
3
ADCOSR128
0
ADC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
Power
Management
14 (0Eh)
2:1
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com