Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8974GEFL/V Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
WM8974
Production Data
w
PD Rev 4.2 March 2007
64
Table 59 shows the estimated 3.3V AVDD current drawn by various circuits, by register bit.
REGISTER BIT
AVDD CURRENT (MILLIAMPS)
BUFDCOPEN
0.1
MONOEN
0.2
PLLEN
1.4 (with clocks applied)
MICBEN
0.5
BIASEN
0.3
BUFIOEN
0.1
VMIDSEL
10K=>0.3, less than 0.1 for 100k/500k
BOOSTEN
0.2
INPPGAEN
0.2
ADCEN
x64 (ADCOSR=0)=>2.6, x128 (ADCOSR=1)=>4.9
MONOEN
0.2
SPKPEN
1mA from SPKVDD + 0.2mA from AVDD in 5V mode
SPKNEN
1mA from SPKVDD + 0.2mA from AVDD in 5V mode
MONOMIXEN
0.2
SPKMIXEN
0.2
DACEN
x64 (DACOSR=0)=>1.8, x128(DACOSR=1)=>1.9
Table 62 AVDD Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com