Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8974GEFL/V Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8974GEFL/V
Description  Mono CODEC with Speaker Driver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8974GEFL/V Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8974GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8974GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
Production Data
WM8974
w
PD Rev 4.2 March 2007
47
OUTPUT SWITCH
When the device is configured with a 2-wire interface the CSB/GPIO pin can be used as a switch
control input to automatically disable the speaker outputs and enable the mono output. For example
when a line is plugged into a jack socket. In this mode, enabled by setting GPIOSEL=001, pin
CSB/GPIO switches between mono and speaker outputs (e.g. when pin 12 is connected to a
mechanical switch in the headphone socket to detect plug-in). The GPIOPOL bit reverses the
polarity of the CSB/GPIO input pin.
Note that the speaker outputs and the mono output must be enabled for this function to work (see
Table 45). The CSB/GPIO pin has an internal de-bounce circuit when in this mode in order to
prevent the output enables from toggling multiple times due to input glitches. This debounce circuit
is clocked from a slow clock with period 221 x MCLK, enabled using the SLOWCLKEN register bit.
GPIOPOL
CSB/GPIO
SPKNEN/
SPKPEN
MONOEN
SPEAKER
ENABLED
MONO
OUTPUT
ENABLED
0
0
X
0
No
No
0
0
X
1
No
Yes
0
1
0
X
No
No
0
1
1
X
Yes
No
1
0
X
0
No
No
1
0
X
1
No
Yes
1
1
0
X
No
No
1
1
1
X
Yes
No
Table 45 Output Switch Operation (GPIOSEL=001)
THERMAL SHUTDOWN
The speaker outputs can drive very large currents. To protect the WM8974 from overheating a
thermal shutdown circuit is included. The thermal shutdown can be configured to produce an
interrupt when the device reaches approximately 125oC. See General Purpose Input/Output section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
Output control
1
TSDEN
1
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 46 Thermal Shutdown
SPEAKER OUTPUT
SPKOUTP/N can differentially drive a mono 8
Ω Bridge Tied Load (BTL) speaker as shown below.
Figure 22 Speaker Output Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com