Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL155ACFL-201 Datasheet(PDF) 45 Page - Emerson Network Power

Part # PL155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155ACFL-201 Datasheet(HTML) 45 Page - Emerson Network Power

Back Button PL155ACFL-201 Datasheet HTML 41Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 42Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 43Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 44Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 45Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 46Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 47Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 48Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 49Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
43
Trompeter’s HDVDP and HDVDPM Patch Jacks are designed
and engineered to exceed SMPTE 292M specifications for high
definition video transmission and connectivity.
The normal-thru contact interface design of HDVDP/HDVDPM
consists of a self-aligning normal-thru U-slot, two redundant
points of contact, an independent applied normal force at each
contact point, and a mechanical wipe region at each contact
interface location. These design attributes provide reliable and
repeatable patching/un-patching, resulting in low-level contact
resistance stability.
HDVDP/HDVDPM Key Features
• Light weight design:
• HDVDPT (full size): 48.05 grams
• HDVDPMT (mini): 32.1 grams
• High-reliability normal-thru contact design
• Self-wiping normal thru contact design
• Streamlined design for repeatable manufacturability
HDVDPT
Full-size WECo Format
Terminated
HDVDP
Full-size WECo Format
Non-terminated
HDVDPMT
Mini WECo Format
Terminated
HDVDPM
Mini WECo Format
Non-terminated
Full Size Patch-Jack
75Ω Terminated & Non-Terminated
Mini Patch-Jack
75Ω Terminated & Non-Terminated
Top View of Normal-Thru Contact Interface (2x)
Patching Products / High Frequency
Video Patching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com