Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL155ACFL-201 Datasheet(PDF) 34 Page - Emerson Network Power

Part # PL155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155ACFL-201 Datasheet(HTML) 34 Page - Emerson Network Power

Back Button PL155ACFL-201 Datasheet HTML 30Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 31Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 32Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 33Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 34Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 35Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 36Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 37Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 38Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 100 page
background image
32
Ø.507
.530
.500
Ø.437
.643
±.010
Ø.300
.500
.355
Ø.295
.608
.308
.157
.015
.365
.409
.157
.015
.259
.295
.295
.424
.308
The mini-BNC 250 RF connector series from Trompeter was designed specifically for DS3 telco coaxial central office applications to
allow higher interconnect density while preserving the positive characteristics of the Trompeter full size BNC. In fact, the 250 series
provides for higher density of interconnects in a given area.
Part Number
Description
Plating
Bulkhead
Mount
PCB OA
Thickness
UPL250-
Straight plug M-BNC series
ni
n/a
UPLR250-
Right angle plug M-BNC series
ni
n/a
UBJ250-
Bulkhead cable jack
ni
yes
UCBJ250-G
Straight PCB-mounted jack
au
no
UCBJ250-N
Straight PCB-mounted jack
ni
no
UCBBJ250-G
Straight PCB-mounted jack
au
yes
UCBBJ250-N
Straight PCB-mounted jack
ni
yes
UCBJR250-G
Right angle PCB-mounted jack
au
no
UCBJR250-N
Right angle PCB-mounted jack
ni
no
UCBBJR250-G
Right angle PCB-mounted jack
au
yes
UCBBJR250-N
Right angle PCB-mounted jack
ni
yes
UCBJE250-1
PCB-edge mounted SMT jack
au
no
0.032
UCBJE250-2
PCB-edge mounted SMT jack
au
no
0.064
UCBBJE250-1
PCB-edge mounted SMT jack
au
yes
0.032
UCBBJE250-2
PCB-edge mounted SMT jack
au
yes
0.064
UAD258
M-BNC jack to M-BNC jack adapter, Barrel
adapter
ni
yes
UTNAF250
Terminators
ni
no
UTNAM250
Terminators
ni
no
UADF20M250
BNC to MBNC adapters M to F
ni
no
UADF20F250
BNC to MBNC adapters M to F
ni
no
UADF250M20
BNC to MBNC adapters M to F
ni
no
Coax Connectors / Miniature Coax 250 Series
Mini-BNC Plugs & Jacks
Miniature BNC (M-BNC) Coaxial Plug
Straight
75Ω......................................... UPL250-
Miniature BNC (M-BNC) Coaxial Bulkhead Jack
Straight
75Ω.......................................... UBJ250-
Miniature BNC (M-BNC) Coaxial Circuit Board Jack
Straight
75Ω........................................... UCBJ250-N
75Ω........................................... UCBJ250-G
Miniature BNC (M-BNC) Circuit Board Jack
Right Angle
75Ω......................................... UCBJR250-N
75Ω......................................... UCBJR250-G
4”x4”
“D” mounting holes are on page 54.
Refer to Cable Group Tables, pages 74-91.
NOTE: All UPL250 plugs come
with our SureNotch™ feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com