Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL155ACFL-201 Datasheet(PDF) 24 Page - Emerson Network Power

Part # PL155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155ACFL-201 Datasheet(HTML) 24 Page - Emerson Network Power

Back Button PL155ACFL-201 Datasheet HTML 20Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 21Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 22Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 23Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 24Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 25Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 26Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 27Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 28Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
22
Coupling
Key
Intermediate
Socket
Type
Code
Contact Pin
3-lug
P
BJ450PP
BJ450PS
3-lug
R
BJ450RP
BJ450RS
3-lug
W
BJ450WP
BJ450WS
4-lug
FL
BJ450FLP
BJ450FLS
Threaded
-
BJ3450P
BJ3450S
Mounting
Holes:
DD8.130
DD8.125 (Threaded)
Mounting
Holes:
DD8.130
DD8.125 (Threaded)
Mounting
Holes:
DD8.250
DD8.125 (Threaded)
Coupling
RFI
Intermediate
Socket
Type
Caps
Contact Pin
3-lug
RFI457-
TBJ451P- -R
TBJ451S-
-R
3-lug
RFI457-
TBJ451P-
-R
TBJ451S-
-R
3-lug
RFI457-
TBJ451P-
-R
TBJ451S-
-R
4-lug
RFI457FL-
TBJ451FLP-
-R
TBJ451FLS-
-R
Threaded
RFI3457-
TBJ3451P-
-R
TBJ3451S-
-R
.080"
90
°
TYP
.067"
.062"
TYP
.067"
.062"
TYP
.067"
.062"
TYP
.067"
.062"
TYP
125
°
110
°
125
°
.080"
.080"
125
°
125
°
110
°
125
°
125
°
110
°
P
R
W
FL
SOLDER POT ACCEPTS
.026 DIA CONDUCTOR
.438 HEX NUT
.438 HEX NUT
.3125-32UNEF-2A
.750
MAX .240
DIA
.075
.795
.047 DIA SAFETY
WIRE HOLES
2 PLACES
1.03
.240
DIA
.437 HEX NUT
.456
.075
.795
1.03
.3125-32UNEF-2A
SOLDER POT
ACCEPTS
.026 MAX
DIA COND.
.750
MAX
BJ457FLP-1 SHOWN
.438 HEX NUT
.047 DIA SAFETY
WIRE HOLES 2 PLACES
PLR455ACPP-201
(1.25)
SEALING
SLEEVE
.500 DIA
OVER KNURL
.030
1.46
1.10
MAX
The 450 Series was designed for airborne digital data bus
applications utilizing the MIL-STD-1553B data bus. The 450 Series
will fit most twinax cables. Connectors are available in five
different coupling configurations which include 3-lug versions
with three (3) separate keyings, a 4-lug, and a threaded version
with safety wire holes.
Diagrams shown above are for plugs.
Refer to page 23 for photo of intermediate contacts.
Concentric Twinax 450 Series
3-lug & 4-lug Keyings
Coupling
Key
Intermediate
Socket
Type
Code
Contact Pin
3-lug
P
BJ457PP
BJ457PS
3-lug
R
BJ457RP
BJ457RS
3-lug
W
BJ457WP
BJ457WS
4-lug
FL
BJ457FLP
BJ457FLS
Threaded
-
BJ3457P
BJ3457S
Chain options see page 57. “D” mounting holes see page 54.
Twinax/Triax Connectors / Concentric Twinax
450 Series
Bulkhead Jack
Rear mount,
Solder pot
Right Angle Cable Plug
All Crimp
Bulkhead Jack
Front mount,
Solder pot
Coupling
Key
Intermediate
Socket
Type
Code
Contact Pin
3-lug
P
PLR455ACPP-
PLR455ACPS-
3-lug
R
PLR455ACRP-
PLR455ACRS-
3-lug
W
PLR455ACWP-
PLR455ACWS-
4-lug
FL
PLR455ACFLP-
PLR455ACFLS-
Threaded
-
PLR3455ACP-
PLR3455ACS-
RFI Jack Caps & Bulkhead Jack Terminations
For use with 450 Series Plugs
Rear Mount
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com