Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL155ACFL-201 Datasheet(PDF) 88 Page - Emerson Network Power

Part # PL155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155ACFL-201 Datasheet(HTML) 88 Page - Emerson Network Power

Back Button PL155ACFL-201 Datasheet HTML 84Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 85Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 86Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 87Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 88Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 89Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 90Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 91Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 92Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
86
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
MADISON
022H22BZID
TWINAX
-9
_
0.250
0.038
100
MADISON
12CFE00002
COAX
_
-009
0.158
0.020
75
MADISON
12EEK00001
COAX
_
-026
0.132
0.016
75
MADISON CABLE CORP
6096
COAX
-21
*
0.158
0.037
_
MICRODOT
202-3927-0000
TWINAX
-27
-208
0.110
0.011
117
MICRODOT
202-3934-0000
TWINAX
-24
-211
0.145
0.013
160
MICRODOT
202-3942-0000
TWINAX
-27
-209
0.207
0.025
110
MICRODOT
202-4547
TWINAX
-24
-211
0.098
0.020
160
MICRODOT
250-3833-0000
TRIAX
*
-303
0.270
0.030
_
MICRODOT
250-3834-0000
COAX
-5A
-001
0.400
0.095
50
MICRODOT
250-3902-0000
COAX
-5A
-001
0.141
0.036
50
MICRODOT
250-3908-0000
COAX
-5A
-001
0.128
0.012
50
MICRODOT
250-3909-0000
COAX
-44
*
0.087
0.021
50
MICRODOT
250-3920-0000
COAX
-5A
-001
0.087
0.021
50
MICRODOT
250-3967-0000
COAX
-5
-003
0.087
0.021
50
MICRODOT
250-4021-0000
COAX
-31
*
0.245
0.035
50
MICRODOT
250-4044-0000
TRIAX
-43
_
0.245
0.033
50
MICRODOT
250-4045-0000
TRIAX
-43
-302
0.500
0.089
50
MICRODOT
250-4070-0000
TRIAX
-56
-302
0.500
0.081
50
MICRODOT
250-4172-0000
COAX
*
_
0.500
0.089
50
MICRODOT
250-4180-0000
COAX
-5
-003
0.500
0.081
50
MICRODOT
250-4804-0000
TRIAX
-32
-203
0.105
0.012
50
MICRODOT
250-4816-0009
TRIAX
-27
_
0.145
0.013
50
MICRODOT
275-3930-000
TRIAX
_
_
0.102
0.021
75
MICRODOT
275-3933-0000
COAX
-4
-009
0.120
0.021
75
MICRODOT
275-3991
COAX
-36
*
0.200
0.038
75
MICRODOT
293-3902
COAX
*
-026
0.160
0.031
93
MICRODOT
293-3922-0000
TRIAX
-60
-305
0.200
0.039
93
MICRODOT
293-3930-0000
TRIAX
-43
_
0.336
0.057
100
MICRODOT
293-3968-0000
COAX
-22
-008
0.412
0.090
93
MICRODOT
295-3801-0000
COAX
-22
-008
0.432
0.090
95
MICRODOT
295-3802-0000
COAX
-22
*
0.432
0.090
95
MICRODOT
295-3950-0000
TRIAX
-43
_
0.216
0.036
95
MICRODOT
295-3952-0000
TRIAX
-43
_
0.075
0.013
95
MICRODOT
295-3992-000
COAX
-36
-007
0.288
0.060
95
MICRODOT
295-3993-0000
TRIAX
-64
-303
0.102
0.021
95
MILESTEK
30-01010
COAX
-2
-013
0.195
0.013
75
MIL-SPEC
2C2219EXJ
TWINAX
-47
-206
0.336
0.029
_
MIL-SPEC
M17/015-RG022
TWINAX
-10
_
0.475
0.048
95
MIL-SPEC
M17/094-RG179
COAX
-5
-004
0.105
0.013
75
MIL-SPEC
M17/095-RG180
COAX
-22
-008
0.145
0.013
95
MIL-SPEC
M17/113-RG316
COAX
-5
-003
0.098
0.020
50
MIL-SPEC
M17/130-RG402
COAX
-141
0.141
0.036
50
MIL-SPEC
M17/133-00002
COAX
-86
*
0.087
0.021
50
MIL-SPEC
M17/133-RG405
COAX
-86
*
0.087
0.021
50
MIL-SPEC
M17/134-00001
TRIAX
-7
-306
0.245
0.035
50
MIL-SPEC
M17/134-00002
TRIAX
-7
-306
0.245
0.033
50
MIL-SPEC
M17/135-00001
TRIAX
-14A
TOO LARGE
0.500
0.089
50
MIL-SPEC
M17/135-00003
TRIAX
-14A
_
0.500
0.081
50
MIL-SPEC
M17/135-00004
TRIAX
-14A
TOO LARGE
0.500
0.089
50
MIL-SPEC
M17/135-00005
TRIAX
-14A
TOO LARGE
0.500
0.081
50
MIL-SPEC
M17/135-00006
TRIAX
-14A
TOO LARGE
0.500
0.081
50
MIL-SPEC
M17/136-00001
COAX
-5
-004
0.105
0.012
75
MIL-SPEC
M17/137-00001
COAX
-22
-008
0.145
0.013
95
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com