Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL155ACFL-201 Datasheet(PDF) 78 Page - Emerson Network Power

Part # PL155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155ACFL-201 Datasheet(HTML) 78 Page - Emerson Network Power

Back Button PL155ACFL-201 Datasheet HTML 74Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 75Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 76Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 77Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 78Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 79Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 80Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 81Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 82Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
76
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
BELDEN
9239
COAX
-5
-003
0.104
0.019
50
BELDEN
9240
COAX
-2
-014
0.241
0.032
75
BELDEN
9243
COAX
-2
-014
0.242
0.032
_
BELDEN
9244
COAX
-2
-013
0.242
0.025
73
BELDEN
9248
COAX
-41
-020
0.270
0.036
75
BELDEN
9250
TWINAX
-10
_
0.420
0.046
95
BELDEN
9251
COAX
-6A
_
0.405
0.085
52
BELDEN
9252
COAX
*
-010
0.160
0.030
50
BELDEN
9254
COAX
-22
-009
0.142
0.019
75
BELDEN
9259
COAX
-2A
-023
0.234
0.030
75
BELDEN
9265
COAX
-2
-014
0.242
0.031
75
BELDEN
9266
COAX
-2
-013A
0.245
0.031
_
BELDEN
9268
COAX
*
-018
0.260
0.025
93
BELDEN
9272
TWINAX
-9
-213
0.242
0.037
78
BELDEN
9273
COAX
-3
-012
0.216
0.035
50
BELDEN
9274
COAX
-2
-014
0.242
0.032
75
BELDEN
9275
COAX
-2
-14
0.242
0.032
75
BELDEN
9284
COAX
-41
-020
0.275
0.040
_
BELDEN
9291
COAX
-2
-013
0.242
0.025
80
BELDEN
9292
COAX
-6A
-053
0.405
0.064
75
BELDEN
9310
COAX
*
-011
0.194
0.035
50
BELDEN
9311
COAX
-1
-011
0.193
0.037
52
BELDEN
9386
COAX
-41
-020
0.275
0.040
_
BELDEN
9448
COAX
-2
-013
0.242
0.025
_
BELDEN
9463
TWINAX
-9
-213
0.240
0.037
78
BELDEN
9555
COAX
-2
-013
0.242
0.023
75
BELDEN
9587
COAX
-41
-020
0.275
0.040
75
BELDEN
9589
COAX
-2
_
0.242
0.032
_
BELDEN
9659
COAX
-2
-013A
0.242
0.030
75
BELDEN
9764
COAX
-6A
_
0.405
0.064
75
BELDEN
9815
TWINAX
-8
_
0.330
0.037
100
BELDEN
9841
TWINAX
-9
-215
0.256
0.025
120
BELDEN
9850
COAX
-6B
_
0.425
0.048
75
BELDEN
9857
COAX
-6A
_
0.405
0.025
125
BELDEN
9859
TWINAX
*
-213
0.243
0.038
78
BELDEN
9860
TWINAX
-46
_
0.440
0.051
124
BELDEN
9861
COAX
-6E
_
0.332
0.057
50
BELDEN
9880
COAX
-48
_
0.405
0.086
50
BELDEN
9907
COAX
-1
-011
0.185
0.037
50
BELDEN
46899
COAX
-1
*
0.199
0.024
75
BELDEN
81553
TWINAX
-47
-201
0.129
0.024
77
BELDEN
82120
COAX
-34
-024
0.244
0.040
75
BELDEN
82121
COAX
-52
-024
0.240
0.040
75
BELDEN
82907
COAX
-21
*
0.163
0.036
50
BELDEN
83241
COAX
*
-011
0.187
0.037
50
BELDEN
83242
COAX
-1
-012
0.193
0.039
50
BELDEN
83264
COAX
-5
-004
0.100
0.012
75
BELDEN
83265
COAX
-5A
-001
0.071
0.010
50
BELDEN
83266
COAX
-22
-008
0.141
0.012
95
BELDEN
83267
COAX
-36
-004
0.110
0.012
75
BELDEN
83269
COAX
-5
-003
0.100
0.018
50
BELDEN
83284
COAX
-5
-003
0.100
0.021
50
BELDEN
83303
COAX
-44
_
0.075
0.019
600V
BELDEN
83310
TWINAX
-29
-207
0.120
0.031
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com