Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL155ACFL-201 Datasheet(PDF) 20 Page - Emerson Network Power

Part # PL155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155ACFL-201 Datasheet(HTML) 20 Page - Emerson Network Power

Back Button PL155ACFL-201 Datasheet HTML 16Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 17Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 18Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 19Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 20Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 21Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 22Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 23Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 24Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
18
Mounting Hole: D4.125
Sub-miniature Jacks & Plugs
Sub-miniature concentric twinax/triax connectors increase
packing density up to 246%. They are designed for high density
applications where digital, video pair or baseband noise-free
guarded circuits are required. The 3-lug, 4-lug, and threaded
versions improve mechanical stability and provide “error-free”
redundant data bus capabilities. The wrench crimp version
accommodates cables with other jacket diameters up to .215" and
the tool crimp versions up to .250".
PL155-29 Shown
PL155AC-207 Shown
PLR3155AC-201 Shown
BJ159-29 Shown
CJ150AC-207 Shown
CJ150-29 Shown
“D” mounting holes see page 54.
Mounting Hole: D4.125
.375 HEX NUT
.375 WRENCH FLATS
.080
.748
.460 DIA MAX
.484 DIA MAX OVER KNURL
1.00
1.322
STRAIN RELIEF
.933
.484 DIA MAX
OVER KNURL
1.317
1.77
MAX
.030
CLEAR, 175
°C
SHRINKABLE
STRAIN RELIEF
SHRINKABLE
SEALING SLEEVE
(LONG)
.080
.790
.590
.4375-28UNEF-2A
.375 HEX NUT
.500 HEX NUT
.562 HEX
.600 DIA
STRAIN
RELIEF
.4375-28UNEF-2A
.500 HEX
1.164
.590
.375 HEX NUT
.375 WRENCH FLATS
.484 DIA MAX
.080
.790
1.289
.34
.030
SHRINKABLE
STRAIN RELIEF
SHRINKABLE SEALING SLEEVE (LONG)
BJ159AC Shown
Twinax/Triax Connectors / Subminiature Jacks & Plugs
150/3150 Series TRS/TTM
Cable Plug
Wrench Crimp
3-Lug.......................................... PL155-
4-Lug....................................... PL155FL-
Threaded.................................. PL3155-
Cable Plug
Tool Crimp
3-Lug..................................... PL155AC-
4-Lug................................. PL155ACFL-
Threaded............................. PL3155AC-
Right Angle Cable Plug
Tool Crimp
3-Lug................................... PLR155AC-
4-Lug............................... PLR155ACFL-
Threaded........................... PL33155AC-
Bulkhead Jack
Rear Mount, Wrench Crimp
3-Lug.......................................... BJ159-
4-Lug....................................... BJ159FL-
Threaded.................................. BJ3159-
Bulkhead Jack
Rear Mount, Tool Crimp
3-Lug...................................... BJ159AC-
4-Lug................................... BJ159ACFL-
Threaded.............................. BJ3159AC-
Cable Jack
Wrench Crimp
3-Lug.................................. CJ150-
4-Lug............................... CJ150FL-
Threaded.......................... CJ3150-
Cable Jack
Tool Crimp
3-Lug...................................... CJ150AC-
4-Lug................................... CJ150ACFL-
Threaded.............................. CJ3150AC-
Refer to Cable Group Tables, pages 74-91.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com