Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL155ACFL-201 Datasheet(PDF) 55 Page - Emerson Network Power

Part # PL155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155ACFL-201 Datasheet(HTML) 55 Page - Emerson Network Power

Back Button PL155ACFL-201 Datasheet HTML 51Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 52Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 53Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 54Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 55Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 56Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 57Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 58Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 59Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
53
Miniature 75Ω Coax Patch Panels ... for high density, low VSWR, 75Ω coaxial applications (microwave, sub-carrier telephone systems,
etc.). Trompeter’s J12 jack/ PL11C plug combination has a VSWR of 1:04:1 in the 60-80 MHz range. Miniature 50Ω Coax Patch Panels...
for high density 50Ω patching. 19" panels tapped .312-32-2A to accept J8 and J8D jacks. .50" center-to-center vertical and horizontal
hole spacing (unless otherwise noted), insulated and non-insulated panels have stiffener bars.
Note:
For Front Loading Modular Panels, see page 12. “D” mounting hole specifications, see page 54.
Many other panel configurations are available, contact customer service.
Miniature
19" Miniature Patch panels for: 50Ω J8 Series, J8D, and 75Ω Mini-WECo Jacks
B
.375
1.218
.450 DIA THRU
C
A
B
C
.450 DIA THRU
A
B
C
.450 DIA THRU
A
.750
B
C
.450 DIA THRU
FIG A
FIG B
FIG C
FIG D
B
C
A
.358 DIA THRU
B
C
A
.358 DIA THRU
128 HOLES
1.25
FIG E
FIG H
.358 DIA THRU
36 HOLES
B
C
A
FIG I
.358 DIA THRU
96 HOLES
B
C
A
FIG J
Patching Products / Standard 19” Panels
# of Patch
Locations
Panel
Height
Hole Spacing
Fig
Non-Insulated
Part Number
Insulated Part
Number
Jack Type
A
B
C
32
1.75"
N/A
.500
.500
A
JS-32
JSI-32
J8 Series
56
1.75"
.500
.500
.625
E
JSIX-56S
Mini-WECo
56
1.75"
.500
.500
.625
E
JSIX-56SF
Mini-WECo
64
1.75"
.500
.500
.500
E
JSIX-64S
Mini-WECo
64
1.75"
.500
.500
.500
E
JSIX-64SF
Mini-WECo
64
1.75"
N/A
.500
.500
A
JS-64
JSI-64S
J8 Series
64
3.50"
.500
.500
.500
E
JS-64L
JSI-64L
J8 Series
64
3.50"
.500
.500
.500
E
JSIX-64L
Mini-WECo
96
3.50"
.500
.500
.500
J
JS-96A
JSI-96A
J8 Series
96
3.50"
Not Shown
JS-96B
JSI-96B
J8 Series
128
3.50"
.500
.500
.500
H
JSIX-128
Mini-WECo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com