Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL155ACFL-201 Datasheet(PDF) 67 Page - Emerson Network Power

Part # PL155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155ACFL-201 Datasheet(HTML) 67 Page - Emerson Network Power

Back Button PL155ACFL-201 Datasheet HTML 63Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 64Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 65Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 66Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 67Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 68Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 69Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 70Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 71Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
65
BNC Bulk Packaging
Bulk packaging for UPL220 Series BNC plugs ... Trompeter offers
Tool Crimp BNC's bulk packed in convenient vacuum-formed
plastic trays. Bulk packaging is perfect for OEM and high-volume,
on-site installations.
Includes:
(50) Body Assemblies
(51) Crimp Sleeves
(52) Center Contact Pins
Assembly Instructions
Example: UPL220-026/T50
BNC part number, Vacuum Tray part number
For cable groups see pages 78-120. (Not available for cable groups -017)
BNC Coax Assembly Training Video
Trompeter has produced a video which outlines the major
features of our BNC design, describes the tools for reliable
installation, and gives step-by-step assembly instructions.
The BNC Assembly Video CD is available at no cost to Trompeter
Customers.
For additional information or for a free demonstration, contact
your local Sales Representative log on to our web site at
www.EmersonConnectivity.com and locate the rep nearest
you.
LENGTH
Tool Kit & Bulk Packaging
Tool Kits
Tools & Accessories
Tool Kit Part
Number
Pin Height
Indicator
Crimp Tool
8-Point Indentor
Crimp Tool
12-Point
Indentor
BNC/Mini-WECo
Electrical Gauge
Crimp Die
Center Contact
Gauge
TK4NL-1
UPLCG-1
010-0097
Not Included
Not Included
CD3-19
Not Included
TK4NL-1A
UPLCG-1
010-0097
Not Included
Not Included
CD3-19
Not Included
TK4NL-2
UPLCG-1
Not Included
010-0098
Not Included
CD3-19
Not Included
TK4NL-3
UPLCG-1
010-0097
010-0098
Not Included
CD3-19
Not Included
TK4NL-4
Not Included
010-0097
Not Included
010-0108
CD3-19
Not Included
TK4NL-5
Not Included
Not Included
010-0080
010-0108
CD3-19
010-0101
All Tool Kits Include: Case,
BCS Cable Stripper with BCS Cutter heads (one C24T3D and one
C24T3I), Cable Cutter (part number 700-0024), and Ergonomic Crimp Tool w/long handle
CT4L with Crimp Die CD3-19 embosses the die cavity size on the crimp sleeve either .178
or .255. Contact customer service for custom tool kits.
BNC/TRB Cable Plug
Type
Length
RT1XL
straight
22.00"
RT1L
straight
12.00"
RTR-1L
right angle
12.00"
RTR-1XL
right angle
22.00"
RT1S
straight
6.00"
RT1SS
straight
3.75"
RTC-1L (insulated)
straight
12.00"
TPS, TCM, TRS, TTM, MBNC
Type
Length
RT4L
straight
12.00"
RT4S
straight
6.00"
RTC-4L (insulated)
straight
12.00"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com