Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL155ACFL-201 Datasheet(PDF) 5 Page - Emerson Network Power

Part # PL155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155ACFL-201 Datasheet(HTML) 5 Page - Emerson Network Power

  PL155ACFL-201 Datasheet HTML 1Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 2Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 3Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 4Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 5Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 6Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 7Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 8Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
3
* Specifications are minimum unless otherwise stated. Trompeter connectors are designed to exceed all minimum specifications.
MIL-STD-1553B Data Bus General Specifications Guide (cont’d)
Twinax/Triax Connectors / Specifications
Twinax/Triax Connectors / Specifications
70 Series
80 Series
150 Series
450 Series
Characteristic Requirements
TRB/TRT
TRC/TRN
TRS/TTM
TCS
Corona Level (min.)
200 VRMS
375 VRMS
125 VRMS
250 VAC
@ 70,000 ft.
@ 70,000 ft.
@ 70,000 ft.
@ 50,000 ft.
Rise Time Degradation (max.)
400 rs
N/A
800 ps
800 ps
Permeability of Nonmagnetic Material
<2.0 mu except hermetic versions
Hermetic Seal
<1 x 10-8 cc/sec
N/A
<1 x 10-6 cc/sec
N/A
(Where Applicable)
Connector Durability
500 cycles minimum @ 12 cycles per minute max.
Temperature Range
-65° to +165°C
-65° to +165°C
-65° to +200°C
-65° to 125°C
Force to Engage and Disengage
Longitudinal (max.)
4 pounds
5 pounds
4 pounds
3 pounds
Torque (max.)
2.5 inch-pounds
4 inch-pounds
2.5 inch-pounds
2.5 inch-pounds
Center Contact Retention
Axial Force (min.)
Plug
6 pounds
6 pounds
4 pounds
6 pounds
Jack
6 pounds
6 pounds
2 pounds
6 pounds
Coupling Proof Torque
(Threaded types only)
15 inch-pounds
15 inch-pounds
10 inch-pounds
N/A
Coupling Mechanism Retention Force
100 pounds
100 pounds
70 pounds
100 pounds
(min.)
Cable Retention Force (min.)
40 pounds
65 pounds
40 pounds
40 pounds
.200-.325 inch
.242-.419 inch
.120-.215 inch
.120-.180 inch
cable OD
cable OD
cable OD
cable OD
Salt Spray (corrosion)
48 hrs minimum exposure (Standard nickel plating)
500 hrs minimum available (Call customer service for plating types). Standard for 450 Series.
Moisture Resistance (10 cycles)
Total 240 hour minimum exposure
Thermal Shock (5 cycles)
Total 5 hours 50 minutes min -65°C to +85°C
-65°C to +125°C
(No physical damage/Pass DWV)
Specified Shock (sawtooth waveform,
No discontinuity allowed. Velocity-change of shock pulse 10% of ideal value
within peak - 50g’s, duration -11ms)
Vibration, High-frequency (36 cycles)
Total 12 hour minimum. No physical damage or loosening of parts.
(15g peak, 10-2000 Hz-10Hz in 20 minutes)
No discontinuity allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com