Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PL155ACFL-201 Datasheet(PDF) 87 Page - Emerson Network Power

Part # PL155ACFL-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL155ACFL-201 Datasheet(HTML) 87 Page - Emerson Network Power

Back Button PL155ACFL-201 Datasheet HTML 83Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 84Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 85Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 86Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 87Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 88Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 89Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 90Page - Emerson Network Power PL155ACFL-201 Datasheet HTML 91Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 100 page
background image
85
Cable Group Table
Cable Group Table
CABLE MANUFACTURER
CABLE NUMBER
CABLE TYPE
WRENCH STYLE
CRIMP STYLE
JACKET SIZE
CONDUCTOR
IMPEDANCE
GORE
CXN-2702
TWINAX
_
-221
0.166
0.025
100
GORE
CXN-3101
COAX
-5
-004
0.93
0.012
75
GORE
CXN-3162
TWINAX
*
-223
0.112
0.021
100
GORE
CXN-3194
TWINAX
_
-204
0.138
0.024
80
GORE
CXN3268
TRIAX
-27 (150)
_
0.100
0.012
50
GORE
DXSN-1747
COAX
-44
-001
0.080
0.011
_
GORE
DXSN-1888
TWINAX
_
-203
0.148
0.015
150
GORE
DXSN1892
COAX
-36
*
0.103
0.018
_
GORE
GBL-075-024
TWINAX
-29
-204
0.132
0.025
_
GORE
GCX-075-26-REV A
COAX
-36
*
0.099
0.019
_
GORE
GSC 03-2236-00
COAX
_
-004
0.092
0.012
75
GORE
GSC-01-81457-00
TWINAX
-27
-209
0.118
0.016
120
GORE
GSC-05-80583-00
TWINAX
_
-202
0.145
0.021
_
GORE
GSC-12-1381-01
TWINAX
-45
_
0.160
0.024
_
GRUMMAN
GC875ACH1
TWINAX
*
-224
0.190
0.024
98
GRUMMAN
GC875GBI
TRIAX
-57
-302
0.164
0.033
_
GRUMMAN
GC875GC1
TRIAX
-56
-301
0.164
0.012
_
GRUMMAN
GC875GP1
COAX
-31
-006
0.128
0.020
_
GRUMMAN
GC875LNI
TWINAX
59
_
0.167
0.020
_
GRUMMAN
GC875PD1
COAX
-5A
_
0.063
0.012
_
GRUMMAN
GC875RM1
TWINAX
-45
-204
0.144
0.025
_
GRUMMAN
GC875RR1
QUADRAX
-33
-220
0.179
0.025
_
GRUMMAN
GC875TM24H
TRIAX
-58
-221
0.160
0.025
_
GRUMMAN
GC875TMH
TWINAX
-45
-204
0.146
0.025
_
H.P.
TXA114-P
TRIAX
*
*
0.217
0.021
_
HEWLETT PACKARD
8120-0049
COAX
-4
-008
0.155
0.010
_
HEWLETT PACKARD
8120-0552-1
COAX
-5B
*
0.110
0.015
50
HEWLETT PACKARD
8120-0789
COAX
-5B
_
0.110
0.015
_
HEWLETT PACKARD
8120-1105
COAX
-5B
-002
0.110
0.015
_
HEWLETT PACKARD
8120-1289
COAX
-2B
-015
0.255
0.025
_
HEWLETT PACKARD
8120-4461
COAX
-5
-003
0.093
0.018
50
HEWLETT PACKARD
8120-9026
COAX
-5B
_
0.110
0.015
_
HEWLETT PACKARD
A-8120-9077-1
COAX
-5
*
0.110
0.015
_
HITACHI
HCM-39441/1
COAX
*
-027
0.128
0.016
75
HITACHI
HCM-9441/12
COAX
*
-026
0.133
0.016
75
HITEMP
117P80660
COAX
-50
_
0.375
0.086
_
HITEMP
RD1152
COAX
*
-026
0.132
0.016
75
HITEMP
RD1152-2
COAX
-22
*
0.143
0.016
75
JUDD
740
COAX
_
-004
0.080
0.010
75
JUDD
735S01
COAX
*
-026
0.134
0.018
75
JUDD
C1401053
COAX
-63
-025
0.232
0.031
75
JUDD
C1401064
COAX
*
-026
0.132
0.016
75
JUDD
C1401741
COAX
_
-004
0.099
0.010
75
JUDD WIRE INC
SS502401
COAX
-5
-003
_
_
_
KEITHLEY
SC-22
TRIAX
-23
*
0.145
0.024
40
KEITHLEY
SC-9
COAX
-1
-021
0.195
0.035
50
LUCENT
407529262
COAX
-5
-004
0.106
0.010
75
LUCENT
848068607
COAX
-37
*
0.166
0.016
75
LUCENT
106 309 206 (2734A)
COAX
_
-025
0.225
0.031
75
LUCENT
1928 001A 1C/36
COAX
*
-026
0.133
0.015
75
LUCENT
735C
COAX
*
-026
0.139
0.016
75
LUCENT
KS23918 L2
COAX
_
-004
0.089
0.013
75
LUCENT
WP91681 L2
COAX
_
-004
0.089
0.013
75
M/A-COM
2250-E82832
COAX
-53
-022
_
_
_
Note: * = Special contact customer service
For a complete listing please refer to the online catalog.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com