| Electronic Components Datasheet Search |
|
L6740LTR Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6740LTR Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 44 page ![]() L6740L Pins description and connection diagrams 11/44 31 NB_VSEN NB output voltage monitor. It manages OVP and UVP protections and PWRGOOD. Connect to the positive side of the NB load to perform remote sensing. See Section 9 for proper layout of this connection. 32 NB_DROOP A current proportional to the total current read by the NB section is sourced through this pin according to the Current Reading Gain (RISEN). Short to NB_FB to implement Droop Function or connect to SGND through a resistor and filter with 1nF capacitor to implement NB LOAD Indicator. If not used, short to SGND. 33 NB_FB NB error amplifier inverting input. Connect with a resistor RFB_NB to NB_VSEN and with an RF_NB - CF_NB to NB_COMP. Offset current programmed by NB_OS is sunk through this pin. 34 NB_COMP Error amplifier output. Connect with an RF_NB - CF_NB to NB_FB. The NB Section or the device cannot be disabled by grounding this pin. 35, 36 VID0, VID1 Voltage IDentification Pins. Internally pulled-low by 10 µA, they are used to program the output voltage. VID1 is monitored on the EN pin rising-edge to define the operative mode of the controller (SVI or PVI). When in SVI Mode, VID0 is ignored. See Section 5 for details. 37 PWROK System-wide Power Good Input (SVI Mode). Internally pulled-low by 10 µA. When low, the device will decode the two SVI bits (SVC, SVD) to determine the Pre-PWROK Metal VID (default condition when pin is floating). When high, the device will actively run the SVI protocol. Pre-PWROK Metal VID are latched after EN is asserted and re-used in case of PWROK de-assertion. Latch is reset by VCC or EN cycle. 38 EN VR Enable. Internally pulled-up to 3.3V by 10 µA. Pull-low to disable the device. When set free, the device immediately checks for the VID1 status to determine the SVI / PVI protocol to be adopted and configures itself accordingly. See Section 5 for details. 39 SVC / VID3 Voltage IDentification Pin - SVI Clock Pin. Internally pulled-low by 10 µA, it is used to program the output voltage. When in SVI-Mode, it is considered as Serial-VID-Data (Input / Open Drain Output). See Section 5 for details. 40 SVD / VID2 Voltage IDentification Pins - SVI Data Pin. Internally pulled-low by 10 µA, it is used to program the output voltage. When in SVI-Mode, it is considered as Serial-VID-Data (Input / Open Drain Output). See Section 5 for details. 41 PWRGOOD VCORE and NB Power Good. It is an open-drain output set free after SS as long as both the voltage planes are within specifications. Pull-up to 3.3V (typ) or lower, if not used it can be left floating. When in PVI Mode, it monitors the CORE Section only. Table 2. Pin description (continued) Pin# Name Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |