Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6740LTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 11Page - STMicroelectronics L6740LTR Datasheet HTML 12Page - STMicroelectronics L6740LTR Datasheet HTML 13Page - STMicroelectronics L6740LTR Datasheet HTML 14Page - STMicroelectronics L6740LTR Datasheet HTML 15Page - STMicroelectronics L6740LTR Datasheet HTML 16Page - STMicroelectronics L6740LTR Datasheet HTML 17Page - STMicroelectronics L6740LTR Datasheet HTML 18Page - STMicroelectronics L6740LTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
L6740L
Device description and operation
15/44
4
Device description and operation
L6740L is a hybrid CPU Power Supply Controller compatible with both Parallel (PVI) and
Serial (SVI) protocols for AMD K8 - Second Generation Processors. The device provides
complete control logic and protections for a high-performance step-down DC-DC voltage
regulator, optimized for advanced microprocessor power supply supporting both PVI and
SVI communication. It embeds two independent controllers for CPU CORE and the
integrated NB, each one with its own set of protections.
L6740L is able to detect which kind of CPU is connected in order to configure itself to work
as a Single-Plane PVI controller or Dual-Plane SVI controller.
The Controller performs a single-phase control for the NB Section and a programmable 2-to-
4 phase control for the CORE Section featuring Dual-Edge non-Latched architecture: this
allows fast load-transient response optimizing the output filter consequently reducing the
total BOM cost. Further reduction can be achieved by enabling LTB Technology(TM). NB
phase (when enabled) will be automatically phase-shifted with respect to the CORE phases
in order to reduce the total input rms current amount.
PSI_L Flag is sent to the VR through the SVI bus. The controller monitors this flag and
selctively modifies the phase number in order to optimize the system efficiency when the
CPU enters low-power states. This causes the over-all efficiency to be maximized at light
loads so reducing losses and system power consumption.
Both sections feature programmable Over-Voltage protection and adjustable constant Over-
Current protection. Voltage positioning (LL) is possible thanks to an accurate fully-differential
current-sense across the main inductors for the CORE Section and thanks to the loss-less
current sense across Low-Side MOSFET RdsON for the NB section. In both cases, LL may
be disabled and the generated current information may be used to implement a Load Indica-
tor function.
L6740L features dual remote sensing for the regulated outputs (CORE and NB) in order to
recover from PCB voltage drops also protecting the load from possible feedback network
disconnections.
LSLess start-up function allows the controller to manage pre-biased start-up avoiding dan-
gerous current return through the main inductors as well as negative undershoot on the out-
put voltage if the output filter is still charged before start-up.
L6740L also supports V_FIX mode for system debugging: in this particular configuration the
SVI bus is used as a static bus configuring 4 operative voltages for both the sections and
ignoring any serial-VID command.
When working in PVI mode, the device features On-the-Fly VID management: VID code is
continuously sampled and the reference update according to the variation detected,
L6740L is available in TQFP48 Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com