Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6740LTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 26Page - STMicroelectronics L6740LTR Datasheet HTML 27Page - STMicroelectronics L6740LTR Datasheet HTML 28Page - STMicroelectronics L6740LTR Datasheet HTML 29Page - STMicroelectronics L6740LTR Datasheet HTML 30Page - STMicroelectronics L6740LTR Datasheet HTML 31Page - STMicroelectronics L6740LTR Datasheet HTML 32Page - STMicroelectronics L6740LTR Datasheet HTML 33Page - STMicroelectronics L6740LTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Output voltage positioning
L6740L
30/44
6.10
Soft-start
L6740L implements a soft-start to smoothly charge the output filter avoiding high in-rush
currents to be required to the input power supply. In SVI mode, Soft-Start Time is intended
as the time required by the device to set the output voltages to the Pre-PWROK Metal VID.
During this phase, the device increases the reference of the enabled section(s) from zero up
to the programmed reference in closed loop regulation. Soft-Start is implemented only when
VCC is above UVLO Threshold and the EN pin is set free. See Section 5 for details about
the SVI interface and how SVC/SVD are interpreted in this phase.
At the end of the digital Soft-Start, PWRGOOD signal is set free.
Protections are active during this phase as follow:
–
Under Voltage is enabled when the reference voltage reaches 0.5V.
–
Over Voltage is always enabled according to the programmed threshold (by ROVP).
–
FBDisconnection is enabled.
Reference is increased with fixed dV/dt; Soft-Start time depends on the programmed
voltage as follow:
Figure 12.
System Start-up: SVI (left) and PVI (right)
6.10.1
LS-Less Start-up
In order to avoid any kind of negative undershoot on the load side during start-up, L6740L
performs a special sequence in enabling the drivers for both sections: during the soft-start
phase, the LS MOSFET is kept OFF (PWMx set to HiZ and ENDRVx = 0) until the first PWM
pulse. After the first PWM pulse, the PWMx outputs switches between logic “0” and logic “1”
and ENDRVx are set to logic “1”.
This particular sequence avoids the dangerous negative spike on the output voltage that
can happen if starting over a pre-biased output especially when exiting from a CORE-OFF
state.
Low-Side MOSFET turn-on is masked only from the control loop point of view: protections
are still allowed to turn-ON the Low-Side MOSFET in case of over voltage if needed.
T
SS ms
[]
Target_VID 2.56
⋅
=
VDD_CORE
PWRGOOD
EN
VDD_NB
VDD_CORE
PWRGOOD
EN
VDD_NB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com