Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6740LTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 33Page - STMicroelectronics L6740LTR Datasheet HTML 34Page - STMicroelectronics L6740LTR Datasheet HTML 35Page - STMicroelectronics L6740LTR Datasheet HTML 36Page - STMicroelectronics L6740LTR Datasheet HTML 37Page - STMicroelectronics L6740LTR Datasheet HTML 38Page - STMicroelectronics L6740LTR Datasheet HTML 39Page - STMicroelectronics L6740LTR Datasheet HTML 40Page - STMicroelectronics L6740LTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
L6740L
System control loop compensation
37/44
9
System control loop compensation
The device embeds two separate and independent control loops for CORE and NB section.
The control loop for NB section is a simple Voltage-Mode control loop with (optional) voltage
positioning featured when DROOP pin is shorted with FB. The control loop for the CORE
section also features a Current-Sharing loop to equalize the current carried by each of the
configured phases.
The CORE control system can be modeled with an equivalent Single-Phase converter
whose only difference is the equivalent inductor L/N (where each phase has an L inductor
and N is the number of the configured phases). See Figure 16.
Figure 16.
Equivalent control loop for NB and CORE sections.
This means that the same analysis can be used for both the sections with the only exception
of the different equivalent inductor value (L=LNB for NB Section and L=LCORE/N for the
CORE section) and the current reading gain (RdsON/RISEN for NB Section and DCR/RG for
the CORE Section).
The Control Loop gain results (obtained opening the loop after the COMP pin):
Where:
●
RLL is the equivalent output resistance determined by the droop function;
●
ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR)
and the applied load RO;
●
ZF(s) is the compensation network impedance;
●
ZL(s) is the equivalent inductor impedance;
●
A(s) is the error amplifier gain;
●
is the PWM transfer function.
The Control Loop gain for each section is designed in order to obtain a high DC gain to
minimize static error and to cross the 0dB axes with a constant -20dB/Dec. slope with the
desired crossover frequency
ω
T. Neglecting the effect of ZF(s), the transfer function has one
zero and two poles; both the poles are fixed once the output filter is designed (LC filter
resonance
ω
LC) and the zero (ωESR) is fixed by ESR and the Droop resistance.
Ref
NB_COMP
RF_NB CF-NB
RFB_NB
PWM
LNB
ESR_NB
CO_NB
d VNB_COMP
VOUT_NB
ZF(s)
ZFB(s)
VID_NB
Ref
COMP
RF
CF
RFB
PWM
LCORE/N
ESR
CO
d VCOMP
VOUT
ZF(s)
ZFB(s)
VID_CORE
G
LOOP s
()
PWM Z
F s
() R
LL
Z
P s
()
+
()
⋅⋅
Z
P s
() Z
L s
()
+
[]
Z
F s
()
As
()
--------------
1
1
As
()
------------
+
⎝⎠
⎛⎞
R
FB
⋅
+
⋅
-------------------------------------------------------------------------------------------------------------------
–
=
PWM
9
10
------
V
IN
∆V
OSC
-------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com