Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6740LTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 31Page - STMicroelectronics L6740LTR Datasheet HTML 32Page - STMicroelectronics L6740LTR Datasheet HTML 33Page - STMicroelectronics L6740LTR Datasheet HTML 34Page - STMicroelectronics L6740LTR Datasheet HTML 35Page - STMicroelectronics L6740LTR Datasheet HTML 36Page - STMicroelectronics L6740LTR Datasheet HTML 37Page - STMicroelectronics L6740LTR Datasheet HTML 38Page - STMicroelectronics L6740LTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
L6740L
Output voltage monitoring and protections
35/44
rent operation since the current ripple increases. In fact, the ON time increases due to the
OFF time rise because of the current has to reach the IOCP_NB bottom. The worst-case con-
dition is when the ON time reaches its maximum value (see Section 6.8). When this hap-
pens, the Section works in Real Constant Current and the output voltage decrease as the
load increase. Crossing the UV threshold causes the device to latch accordingly.
It can be observed that the peak current (IPEAK_NB) is greater than IOCP_NB but it can be
determined as follow:
Where VOUT(min) is the UV threshold, (inductor saturation must be considered). When that
threshold is crossed, UV is detected. Cycle the power supply or the EN pin to restart opera-
tion.
The maximum average current during the Constant-Current behavior results (see
Figure 14):
in this particular situation, the switching frequency for the NB Section results reduced. The
ON time is the maximum allowed TON(max) while the OFF time depends on the application:
The transconductance resistor RISEN can be designed considering that the Section limits
the inductor current ripple valley. Moreover the additional current due to the output filter
charge during on-the-Fly VID transitions must be considered.
where IOCP_NB is defined above.
Figure 14.
NB Section - Constant current operation.
I
PEAK_NB
I
OCP_NB
V
IN
V
OUT(min)
–
L
NB
--------------------------------------- T
ON(max)
⋅
+
I
OCP_NB
V
IN
V
OUT(min)
–
L
NB
--------------------------------------- 0.40 T
⋅
SW
⋅
+
==
I
MAX_NB
I
OCP_NB
I
PEAK
I
OCP_NB
–
2
------------------------------------------
+
=
T
OFF
L
NB
I
PEAK
I
OCP_NB
–
V
OUT
------------------------------------------
⋅
=
f
1
T
ON(max)
T
OFF
+
-------------------------------------------
=
R
ISEN
I
OCP_NB(max)
R
dsON(max)
⋅
I
OCTH_NB(min)
-----------------------------------------------------------------
=
VOUT
0.40 VIN
Constant Current (Exploded)
IOCP_NB
(IDROOP_NB = 35µA)
IOUT
UVP Threshold
Voltage Positioning
IMAX_NB
Droop Effect
TON(max)
TON(max)
IOCP_NB
IMAX_NB
IPEAK_NB
LS ON Skipping
Clock Cycles
TSW
TSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com