Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6740LTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 20Page - STMicroelectronics L6740LTR Datasheet HTML 21Page - STMicroelectronics L6740LTR Datasheet HTML 22Page - STMicroelectronics L6740LTR Datasheet HTML 23Page - STMicroelectronics L6740LTR Datasheet HTML 24Page - STMicroelectronics L6740LTR Datasheet HTML 25Page - STMicroelectronics L6740LTR Datasheet HTML 26Page - STMicroelectronics L6740LTR Datasheet HTML 27Page - STMicroelectronics L6740LTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Output voltage positioning
L6740L
24/44
6.1
CORE section - Phase # programming
CORE Section implements a flexible 2 to 4 interleaved-phase converter. To program the
desired number of phase, simply short to SGND the PWMx signal that is not required to be
used according to Table 11. For three phase operation, short PWM4 to SGND while for two
phase operation, short PWM3 and PWM4 to SGND.
Caution:
For the disabled phase(s), the current reading pins need to be properly connected to avoid
errors in Current-Sharing and Voltage-Positioning: CSx+ needs to be connected to the
regulated output voltage while CSx- needs to be connected to CSx+ through the same Rg
resistor used for the active phases.
Table 11.
CORE section - Phase number programming
6.2
CORE section - Current reading and current sharing loop
L6740L embeds a flexible, fully-differential current sense circuitry for the CORE Section that
is able to read across inductor parasitic resistance or across a sense resistor placed in
series to the inductor element. The fully-differential current reading rejects noise and allows
placing sensing element in different locations without affecting the measurement's accuracy.
The trans-conductance ratio is issued by the external resistor Rg placed outside the chip
between CSx- pin toward the reading points. The current sense circuit always tracks the cur-
rent information, the pin CSx+ is used as a reference keeping the CSx- pin to this voltage. To
correctly reproduce the inductor current an R-C filtering network must be introduced in par-
allel to the sensing element. The current that flows from the CSx- pin is then given by the fol-
lowing equation (See Figure 10):
Considering now to match the time constant between the inductor and the R-C filter applied
(Time constant mismatches cause the introduction of poles into the current reading network
causing instability. In addition, it is also important for the load transient response and to let
the system show resistive equivalent output impedance) it results:
RG resistor is typically designed in order to have an information current IINFOx in the range of
about 35
µA (I
OCTH) at the OC Threshold.
Phase number
PWM1
PWM2
PWM3
PWM4
1n/a
2
to Driver
SGND
SGND
3
to Driver
SGND
4
to Driver
I
CSx-
DCR
R
G
-------------
1
s L DCR
⁄
⋅
+
1s R C
⋅⋅
+
-------------------------------------- I
⋅
PHASEx
⋅
=
L
R
L
-------
RC
I
CSx-
R
L
R
G
-------- I
PHASEx
⋅
=
⇒
⋅
I
INFOx
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com