Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6740LTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 12Page - STMicroelectronics L6740LTR Datasheet HTML 13Page - STMicroelectronics L6740LTR Datasheet HTML 14Page - STMicroelectronics L6740LTR Datasheet HTML 15Page - STMicroelectronics L6740LTR Datasheet HTML 16Page - STMicroelectronics L6740LTR Datasheet HTML 17Page - STMicroelectronics L6740LTR Datasheet HTML 18Page - STMicroelectronics L6740LTR Datasheet HTML 19Page - STMicroelectronics L6740LTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Hybrid CPU support and CPU_TYPE detection
L6740L
16/44
5
Hybrid CPU support and CPU_TYPE detection
L6740L is able to detect the type of the CPU-core connected and to configure itself
accordingly. At system Start-up, on the rising-edge of the EN signal, the device monitors the
status of VID1 and configures the PVI mode (VID1 = 1) or SVI mode (VID1 = 0).
When in PVI mode, L6740L uses the information available on the VID[0: 5] bus to address
the CORE Section output voltage according to Table 6. NB Section is kept in HiZ mode.
When in SVI mode, L6740L ignores the information available on VID0, VID4 and VID5 and
uses VID2 and VID3 as a SVI bus addressing the CORE and NB Sections according to the
SVI protocol.
Caution:
To avoid any risk of errors in CPU type detection (i.e. detecting SVI CPU when PVI CPU is
installed on the socket and viceversa), it is reccomended to carefully control the start-up
sequencing of the system hosting L6740L in order to ensure than on the EN rising-edge,
VID1 is in valid and correct state.
5.1
PVI - parallel interface
PVI is a 6-bit-wide parallel interface used to address the CORE Section reference.
According to the selected code, the device sets the CORE Section reference and regulates
its output voltage as reported into Table 6.
NB Section is always kept in HiZ; no activity is performed on this section. Furthermore,
PWROK information is ignored as well since the signal only applies to the SVI protocol.
5.2
PVI start-up
Once the PVI mode has been detected, the device uses the whole code available on the
VID[0:5] lines to define the reference for the CORE section. NB Section is kept in HiZ. Soft-
Start to the programmed reference is performed regardless of the state of PWROK.
See Section 6.10 for details about Soft-Start.
Figure 6.
System start-up: SVI (to Metal-VID; left) and PVI (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com