Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6740LTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 8Page - STMicroelectronics L6740LTR Datasheet HTML 9Page - STMicroelectronics L6740LTR Datasheet HTML 10Page - STMicroelectronics L6740LTR Datasheet HTML 11Page - STMicroelectronics L6740LTR Datasheet HTML 12Page - STMicroelectronics L6740LTR Datasheet HTML 13Page - STMicroelectronics L6740LTR Datasheet HTML 14Page - STMicroelectronics L6740LTR Datasheet HTML 15Page - STMicroelectronics L6740LTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Pins description and connection diagrams
L6740L
12/44
2.2
Thermal data
Table 3.
Thermal data
42
NB_ENDRV
External driver enable.
Open Drain output used to control NB Section external driver status:
pulled-low to manage HiZ conditions or pulled-high to enable the driver.
Pull up to 3.3V (typ) or lower.
When in PVI Mode, NB Section is always kept in HiZ.
43
ENDRV
External Driver enable.
Open Drain output used to control CORE Section external driver status:
pulled-low to manage HiZ conditions or pulled-high to enable the driver.
Pull up to 3.3V (typ) or lower.
44
NB_PWM
PWM output.
Connect to external driver PWM input. The device is able to manage
HiZ status by setting the pin floating. When in PVI Mode, NB Section is
kept in HiZ. See Section 5.4.4 for details about HiZ management.
45 to
48
PWM1 to
PWM4
PWM outputs.
Connect to external drivers PWM inputs. The device is able to manage
HiZ status by setting the pins floating.
By shorting to SGND PWM4 or PWM3 and PWM4, it is possible to pro-
gram the CORE section to work at 3 or 2 phase respectively.
See Section 5.4.4 for details about HiZ management.
Thermal pad
Thermal pad connects the Silicon substrate and makes good thermal
contact with the PCB. Connect to the PGND plane.
Table 2.
Pin description (continued)
Pin#
Name
Function
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
(Device soldered on 2s2p PC Board)
40
°C/W
RthJC
Thermal resistance junction to case
1
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
0 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com