Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6740LTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 28Page - STMicroelectronics L6740LTR Datasheet HTML 29Page - STMicroelectronics L6740LTR Datasheet HTML 30Page - STMicroelectronics L6740LTR Datasheet HTML 31Page - STMicroelectronics L6740LTR Datasheet HTML 32Page - STMicroelectronics L6740LTR Datasheet HTML 33Page - STMicroelectronics L6740LTR Datasheet HTML 34Page - STMicroelectronics L6740LTR Datasheet HTML 35Page - STMicroelectronics L6740LTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Output voltage monitoring and protections
L6740L
32/44
–
Permanently sets the PWM of the non-involved section to HiZ while keeping
ENDRV of the non-involved section low in order to realize an HiZ condition of the
non-involved section.
–
Drives the OSC/ FLT pin high.
–
Power supply or EN pin cycling is required to restart operations.
The OV threshold needs to be programmed through the OVP pin. Connecting the OVP pin
to SGND through a resistor ROVP, the OVP threshold becomes the voltage present at the
pin. Since the OVP pin sources a constant IOVP=11µA current, the programmed voltage
becomes:
=>
Filter OVP pin with 100pF(max) to SGND.
7.2
Feedback disconnection
L6740L provides both CORE and NB sections with FB Disconnection protection. This fea-
ture acts in order to stop the device from regulating dangerous voltages in case the remote
sense connections are left floating. The protection is available for both the sections and
operates for both the positive and negative sense.
According to Figure 13, the protection works as follow:
●
CORE Section:
Positive sense is performed monitoring the CORE output voltage through both VSEN
and CS1-. As soon as CS1- is more than 600mV higher than VSEN, the device latches
with all PWMx set to HiZ and ENDRVx set to zero. FLT pin is driven high. A 30
µA pull-
down current on the VSEN forces the device to detect this fault condition.
Negative sense is performed monitoring the internal opamp used to recover the SGND
losses by comparing its output and the internal reference generated by the DAC. As
soon as the difference between the output and the input of this opamp is higher than
500mV, the device latches with all PWMx set to HiZ and ENDRVx set to zero. FLT pin is
driven high.
●
NB Section (SVI Only)
Positive sense is performed sourcing a 50
µA current that pulls-up the NB_VSEN pin in
order to force the device to detect an OV condition for the NB Section.
Negative sense is performed monitoring the internal opamp used to recover the SGND
losses by comparing its output and the internal reference generated by the DAC. As
soon as the difference between the output and the input of this opamp is higher than
500mV, the device latches with all PWMx set to HiZ and ENDRVx set to zero. FLT pin is
driven high.
To recover from a latch condition, cycle VCC or EN.
OVP
TH
R
OVP
11
µA
⋅
=
R
OVP
OVP
TH
11
µA
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com