Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6740LTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 32Page - STMicroelectronics L6740LTR Datasheet HTML 33Page - STMicroelectronics L6740LTR Datasheet HTML 34Page - STMicroelectronics L6740LTR Datasheet HTML 35Page - STMicroelectronics L6740LTR Datasheet HTML 36Page - STMicroelectronics L6740LTR Datasheet HTML 37Page - STMicroelectronics L6740LTR Datasheet HTML 38Page - STMicroelectronics L6740LTR Datasheet HTML 39Page - STMicroelectronics L6740LTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Main oscillator
L6740L
36/44
8
Main oscillator
The controller embeds a dual-Oscillator: one section is used for the CORE and it is a
multiphase programmable oscillator managing equal phase-shift among all phases and the
other section is used for the NB section. Phase-Shift between the CORE and NB ramps is
automatically adjusted according to the CORE phase # programmed.
The internal oscillator generates the triangular waveform for the PWM charging and
discharging with a constant current an internal capacitor. The switching frequency for each
channel, FSW, is internally fixed at 150kHz: the resulting switching frequency for the CORE
section at the load side results in being multiplied by N (number of configured phases).
The current delivered to the oscillator is typically 22
µA (corresponding to the free running
frequency FSW=150kHz) and it may be varied using an external resistor (ROSC) typically
connected between the OSC pin and SGND. Since the OSC pin is fixed at 1.240V, the
frequency is varied proportionally to the current sunk from the pin considering the internal
gain of 6.8KHz/
µA (See Figure 15).
Connecting ROSC to SGND the frequency is increased (current is sunk from the pin),
according to the following relationships:
Figure 15.
ROSC vs. switching frequency
F
SW
150kHz
1.240V
R
OSC kΩ
()
---------------------------- 6.8
kHz
µA
-----------
⋅
+
150kHz
8.432 10
6
⋅
R
OSC kΩ
()
-----------------------------
+
==
100
200
300
400
500
600
700
800
900
1000
10
100
1000
Rosc Resistor [kOhms]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com