Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS10DFIV13 Datasheet(PDF) 104 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 104 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 100Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 101Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 102Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 103Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 104Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 105Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 106Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 107Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 108Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 104 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 104 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
*B (cont)
–
BWHA
07/08/2011 DC Characteristics:
Updated VIL Max
Updated Note
Power-On Reset (POR) and Warm Reset:
Updated table: added row to bottom of table
Power-On (Cold) Reset (POR):
Updated text
Updated figure: Power-Up Diagram
Hardware (Warm) Reset:
Updated figure: Hardware Reset
Asynchronous Write Operations:
Added figure: Back to Back (CE#VIL) Write Operation Timing Diagram
Updated table: Erase/Program Operations
Physical Diagram - LAA064:
Added figure
*C
–
BWHA
10/03/2011 Power-Up Write Inhibit:
Minor correction
PPB Password Protection Mode:
Minor correction
Embedded Algorithm Characteristics table:
Updated Buffer Programming Time maximum limits
Absolute Maximum Ratings table:
Added clarification
DC Characteristics table:
Output High Voltage clarification
Power-Up/Power-Down Voltage and Timing table:
Added clarification
Power-Up figure:
Added clarification
Power-On (Cold) Reset (POR):
Added clarification
Valid Combinations table:
Updated table
*D
–
BWHA
12/14/2011 Global:
Data sheet designation changed from Preliminary to Full Production
Sector Erase: Updated Typical Erase Time
Capacitance Characteristics:
Updated section
Ordering Information:
Corrected note designation in valid combination table
*E
–
BWHA
03/16/2012 Global:
Added 9 mm x 7 mm package
Added 105°C offering
Ordering Information:
Updated Valid Combinations
Document History Page (Continued)
Document Title: S29GL01GS/S29GL512S/S29GL256S/S29GL128S,
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte), 3.0 V, GL-S Flash Memory
Document Number: 001-98285
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com