Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29GL01GS10DFIV13 Datasheet(PDF) 105 Page - Cypress Semiconductor

Part # S29GL01GS10DFIV13
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 Datasheet(HTML) 105 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 100Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 101Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 102Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 103Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 104Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 105Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 106Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 107Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 108Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 105 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
*F
–
BWHA
12/21/2012 Distinctive Characteristics:
Added In-Cabin temperature range
Status Register ASO:
Added clarification
Advanced Sector Protection Overview:
Updated figure
PPB Lock:
Added clarification
Persistent Protection Bits (PPB):
Added clarification
Dynamic Protection Bits (DYB):
Added clarification
PPB Password Protection Mode:
Added clarification
Chip Erase:
Added clarification
Sector Erase:
Added clarification
Erase Suspend / Erase Resume:
Added clarification
Status Register ASO:
Added clarification
Status Register:
Added clarification
DQ7: Data# Polling:
Added clarification
DQ1: Write-to-Buffer Abort:
Added clarification
Data Polling Status:
Updated table
Embedded Operation Error:
Added clarification
Protection Error:
Added clarification
Write Buffer Abort:
Added clarification
Performance Table:
Updated Embedded Algorithm Characteristics (-40°C to +105°C) table
Device ID and Common Flash Interface (ID-CFI) ASO Map:
Updated CFI Device Geometry Definition table
Updated CFI Primary Vendor-Specific Extended Query table
Asynchronous Read Operations:
Added Read Operation VIO = 1.65 (-40°C to +105°C) table
Asynchronous Write Operations:
Updated Read to Write (CE# VIL) figure
Updated Read to Write (CE# Toggle) figure
*G
–
BWHA
10/09/2013 S29GL-S Valid Combinations Table:
Added VIO Models for Automotive In Cabin Temperature Range
*H
4871480
BWHA
08/13/2015 Updated to Cypress template.
Document History Page (Continued)
Document Title: S29GL01GS/S29GL512S/S29GL256S/S29GL128S,
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte), 3.0 V, GL-S Flash Memory
Document Number: 001-98285
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com