Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83849CVS/NOPB.A Datasheet(PDF) 14 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 14 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 10Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 11Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 12Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 13Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 14Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 15Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 16Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 17Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 100 page
background image
13
www.national.com
AN_EN
(LED_ACT/LED_COL_A)
AN1_A (LED_SPEED_A)
AN0_A (LED_LINK_A)
AN_EN
(LED_ACT/LED_COL_B)
AN1_B (LED_SPEED_B)
AN0_B (LED_LINK_B)
S, O, PU
21
20
19
41
42
43
Auto-Negotiation Enable: When high, this enables Auto-Negoti-
ation with the capability set by AN0 and AN1 pins. When low, this
puts the part into Forced Mode with the capability set by AN0 and
AN1 pins.
AN0 / AN1: These input pins control the forced or advertised op-
erating mode of the DP83849C according to the following table.
The value on these pins is set by connecting the input pins to
GND (0) or VCC (1) through 2.2 kΩ resistors. These pins should
NEVER be connected directly to GND or VCC.
The value set at this input is latched into the DP83849C at Hard-
ware-Reset.
The float/pull-down status of these pins are latched into the Basic
Mode Control Register and the Auto_Negotiation Advertisement
Register during Hardware-Reset.
The default is 111 since these pins have internal pull-ups.
MII_MODE_A (RX_DV_A)
SNI_MODE_A (TXD3_A)
MII_MODE_B (RX_DV_B)
SNI_MODE_B (TXD3_B)
S, O, PD
80
17
62
45
MII MODE SELECT: This strapping option pair determines the
operating mode of the MAC Data Interface. Default operation
(No pull-ups) will enable normal MII Mode of operation. Strapping
MII_MODE high will cause the device to be in RMII or SNI modes
of operation, determined by the status of the SNI_MODE strap.
Since the pins include internal pull-downs, the default values are
0. Both MAC Data Interfaces must have their RMII Mode settings
the same, i.e. both in RMII mode or both not in RMII mode.
The following table details the configurations:
Signal Name
Type
Pin #
Description
AN_EN AN1
AN0
Forced Mode
0
0
0
10BASE-T, Half-Duplex
0
0
1
10BASE-T, Full-Duplex
0
1
0
100BASE-TX, Half-Duplex
0
1
1
100BASE-TX, Full-Duplex
AN_EN AN1
AN0
Advertised Mode
1
0
0
10BASE-T, Half/Full-Duplex
1
0
1
100BASE-TX, Half/Full-Duplex
1
1
0
10BASE-T Half-Duplex
100BASE-TX, Half-Duplex
1
1
1
10BASE-T, Half/Full-Duplex
100BASE-TX,Half/Full-Duplex
MII_MODE SNI_MODE
MAC Interface
Mode
0
X
MII Mode
1
0
RMII Mode
1
1
10 Mb SNI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com