Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83849CVS/NOPB.A Datasheet(PDF) 96 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 96 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 92Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 93Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 94Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 95Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 96Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 97Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 98Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 99Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 100Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
95
www.national.com
8.2.28 Isolation Timing
8.2.29 CLK2MAC Timing
Note: CLK2MAC characteristics are dependent upon the X1 input characteristics.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.28.1
From software clear of bit 10 in
the BMCR register to the transi-
tion from Isolate to Normal Mode
100
µs
Parameter
Description
Notes
Min
Typ
Max
Units
T2.29.1
CLK2MAC High/Low Time
MII mode
20
ns
RMII mode
10
ns
T2.29.2
CLK2MAC propagation delay
Relative to X1
8
ns
Clear bit 10 of BMCR
(return to normal operation
from Isolate mode)
MODE
ISOLATE
NORMAL
T2.28.1
X1
T2.29.2
CLK2MAC
T2.29.1
T2.29.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com