Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83849CVS/NOPB.A Datasheet(PDF) 86 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 86 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 82Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 83Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 84Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 85Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 86Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 87Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 88Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 89Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
85
www.national.com
8.2.11 10 Mb/s MII Transmit Timing
Note: An attached Mac should drive the transmit signals using the positive edge of TX_CLK. As shown above, the MII
signals are sampled on the falling edge of TX_CLK.
8.2.12 10 Mb/s MII Receive Timing
Note: RX_CLK may be held low for a longer period of time during transition between reference and recovered clocks.
Minimum high and low times will not be violated.
Parameter
Description
Notes
Min
Typ
Max Units
T2.11.1
TX_CLK High/Low Time
10 Mb/s MII mode
190
200
210
ns
T2.11.2
TXD[3:0], TX_EN Data Setup to TX_CLK fall
10 Mb/s MII mode
25
ns
T2.11.3
TXD[3:0], TX_EN Data Hold from TX_CLK rise
10 Mb/s MII mode
0
ns
Parameter
Description
Notes
Min
Typ
Max
Units
T2.12.1
RX_CLK High/Low Time
160
200
240
ns
T2.12.2
RX_CLK to RXD[3:0], RX_DV Delay
10 Mb/s MII mode
100
ns
T2.12.3
RX_CLK rising edge delay from RXD[3:0],
RX_DV Valid
10 Mb/s MII mode
100
ns
TX_CLK
TXD[3:0]
TX_EN
Valid Data
T2.11.2
T2.11.3
T2.11.1
T2.11.1
RX_CLK
RXD[3:0]
RX_DV
T2.12.2
T2.12.1
T2.12.1
T2.12.3
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com