Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83849CVS/NOPB.A Datasheet(PDF) 95 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 95 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 91Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 92Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 93Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 94Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 95Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 96Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 97Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 98Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
www.national.com
94
8.2.27 RMII Receive Timing
Note: Per the RMII Specification, output delays assume a 25pF load.
Note: CRS_DV is asserted asynchronously in order to minimize latency of control signals through the Phy. CRS_DV may
toggle synchronously at the end of the packet to indicate CRS deassertion.
Note: RX_DV is synchronous to X1. While not part of the RMII specification, this signal is provided to simplify recovery of
receive data.
Note: CRS ON delay is measured from the first bit of the JK symbol on the PMD Receive Pair to initial assertion of
CRS_DV.
Note: CRS_OFF delay is measured from the first bit of the TR symbol on the PMD Receive Pair to initial deassertion of
CRS_DV.
Note: Receive Latency is measured from the first bit of the symbol pair on the PMD Receive Pair. Typical values are with
the Elasticity Buffer set to the default value (01).
Parameter
Description
Notes
Min
Typ
Max
Units
T2.27.1
X1 Clock Period
50 MHz Reference Clock
20
ns
T2.27.2
RXD[1:0], CRS_DV, RX_DV
and RX_ER output delay from
X1 rising
2
14
ns
T2.27.3
CRS ON delay (100Mb)
100BASE-TX mode
18.5
bits
T2.27.4
CRS OFF delay (100Mb)
100BASE-TX mode
27
bits
T2.27.5
RXD[1:0] and RX_ER latency
(100Mb)
100BASE-TX mode
38
bits
CRS_DV
X1
RXD[1:0]
RX_ER
T2.27.2
T2.27.1
T2.27.2
PMD Input Pair
IDLE
Data
(J/K)
T2.27.3
T2.27.5
Data
(TR)
T2.27.4
RX_DV
T2.27.2
T2.27.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com