Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83849CVS/NOPB.A Datasheet(PDF) 36 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 36 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 32Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 33Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 34Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 35Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 36Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 37Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 38Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 39Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
35
www.national.com
5.0 Design Guidelines
5.1 TPI Network Circuit
Figure 12 shows the recommended circuit for a 10/100
Mb/s twisted pair interface.
Below is a partial list of recommended transformers. It is
important that the user realize that variations with PCB and
component characteristics requires that the application be
tested to ensure that the circuit meets the requirements of
the intended application.
Pulse H1102
Pulse H2019
Belfuse S558-5999-U7
Halo TG110-S050N2RL
Figure 12. 10/100 Mb/s Twisted Pair Interface
RJ45
TPRDM
TDRDP
TPTDM
TPTDP
RD-
RD+
TD-
TD+
1:1
0.1µF*
T1
1:1
COMMON MODE CHOKES
MAY BE REQUIRED.
49.9
Ω
49.9
Ω
0.1µF*
Vdd
NOTE: CENTER TAP IS PULLED TO VDD
*PLACE CAPACITORS CLOSE TO THE
TRANSFORMER CENTER TAPS
0.1
µF
All values are typical and are +/- 1%
PLACE RESISTORS AND
CAPACITORS CLOSE TO
THE DEVICE.
Vdd
49.9
Ω
49.9
Ω
0.1
µF
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com