Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83849CVS/NOPB.A Datasheet(PDF) 67 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 67 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 63Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 64Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 65Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 66Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 67Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 68Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 69Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 70Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
www.national.com
66
7.2.7 10 Base-T Status/Control Register (10BTSCR)
This register is used for control and status for 10BASE-T device operation.
6
5
LED_CNFG[1]
LED_CNFG[0]
0, RW
Strap, RW
LED Configuration
In Mode 1, LEDs are configured as follows:
LED_LINK = ON for Good Link, OFF for No Link
LED_SPEED = ON in 100 Mb/s, OFF in 10 Mb/s
LED_ACT/LED_COL = ON for Activity, OFF for No Activity
In Mode 2, LEDs are configured as follows:
LED_LINK = ON for good Link, BLINK for Activity
LED_SPEED = ON in 100 Mb/s, OFF in 10 Mb/s
LED_ACT/LED_COL = ON for Collision, OFF for No Collision
Full Duplex, OFF for Half Duplex
In Mode 3, LEDs are configured as follows:
LED_LINK = ON for Good Link, BLINK for Activity
LED_SPEED = ON in 100 Mb/s, OFF in 10 Mb/s
LED_ACT/LED_COL = ON for Full Duplex, OFF for Half Duplex
4:0
PHYADDR[4:0]
Strap, RW
PHY Address: PHY address for port.
Table 39. 10Base-T Status/Control Register (10BTSCR), address 1Ah
Bit
Bit Name
Default
Description
15
10BT_SERIAL
Strap, RW
10Base-T Serial Mode (SNI)
1 = Enables 10Base-T Serial Mode
0 = Normal Operation
Places 10 Mb/s transmit and receive functions in Serial Network
Interface (SNI) Mode of operation. Has no effect on 100 Mb/s
operation.
14:12
RESERVED
0, RW
RESERVED:
Must be zero.
11:9
SQUELCH
100, RW
Squelch Configuration:
Used to set the Squelch ‘ON’ threshold for the receiver.
Default Squelch ON is 330mV peak.
Table 38. PHY Control Register (PHYCR), address 19h (Continued)
Bit
Bit Name
Default
Description
LED_CNFG[1]
LED_ CNFG[0]
Mode Description
Don’t care
1
Mode 1
00
Mode 2
10
Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com