Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83849CVS/NOPB.A Datasheet(PDF) 60 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 60 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 56Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 57Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 58Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 59Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 60Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 61Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 62Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 63Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
59
www.national.com
7.1.11 MII Interrupt Control Register (MICR)
This register implements the MII Interrupt PHY Specific Control register. Sources for interrupt generation include: Energy
Detect State Change, Link State Change, Speed Status Change, Duplex Status Change, Auto-Negotiation Complete or
any of the counters becoming half-full. The individual interrupt events must be enabled by setting bits in the MII Interrupt
Status and Event Control Register (MISR).
7.1.12 MII Interrupt Status and Misc. Control Register (MISR)
This register contains event status and enables for the interrupt function. If an event has occurred since the last read of
this register, the corresponding status bit will be set. If the corresponding enable bit in the register is set, an interrupt will
be generated if the event occurs. The MICR register controls must also be set to allow interrupts. The status indications
in this register will be set even if the interrupt is not enabled.
Table 30. MII Interrupt Control Register (MICR), address 11h
Bit
Bit Name
Default
Description
15:3
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
2
TINT
0, RW
Test Interrupt:
Forces the PHY to generate an interrupt to facilitate interrupt test-
ing. Interrupts will continue to be generated as long as this bit re-
mains set.
1 = Generate an interrupt
0 = Do not generate interrupt
1
INTEN
0, RW
Interrupt Enable:
Enable interrupt dependent on the event enables in the MISR reg-
ister.
1 = Enable event based interrupts
0 = Disable event based interrupts
0
INT_OE
0, RW
Interrupt Output Enable:
Enable interrupt events to signal via the PWRDOWN_INT pin by
configuring the PWRDOWN_INT pin as an output.
1 = PWRDOWN_INT is an Interrupt Output
0 = PWRDOWN_INT is a Power Down Input
Table 31. MII Interrupt Status and Misc. Control Register (MISR), address 12h
15
LQ_INT
0, RO/COR
Link Quality interrupt:
1 = Link Quality interrupt is pending and is cleared by the current
read.
0 = No Link Quality interrupt pending.
14
ED_INT
0, RO/COR
Energy Detect interrupt:
1 = Energy detect interrupt is pending and is cleared by the current
read.
0 = No energy detect interrupt pending.
13
LINK_INT
0, RO/COR
Change of Link Status interrupt:
1 = Change of link status interrupt is pending and is cleared by the
current read.
0 = No change of link status interrupt pending.
12
SPD_INT
0, RO/COR
Change of speed status interrupt:
1 = Speed status change interrupt is pending and is cleared by the
current read.
0 = No speed status change interrupt pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com