Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83849CVS/NOPB.A Datasheet(PDF) 69 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 69 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 65Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 66Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 67Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 68Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 69Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 70Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 71Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 72Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
www.national.com
68
7.2.8 CD Test and BIST Extensions Register (CDCTRL1)
This register controls test modes for the 10BASE-T Common Driver. In addition it contains extended control
and status for the packet BIST function.
7.2.9 Phy Control Register 2 (PHYCR2)
This register provides additional general control.
Table 40. CD Test and BIST Extensions Register (CDCTRL1), address 1Bh
Bit
Bit Name
Default
Description
15:8
BIST_ERROR_COUNT
0, RO
BIST ERROR Counter:
Counts number of errored data nibbles during Packet BIST. This
value will reset when Packet BIST is restarted. The counter sticks
when it reaches its max count.
7:6
RESERVED
0, RW
RESERVED:
Must be zero.
5
BIST_CONT_MODE
0, RW
Packet BIST Continuous Mode:
Allows continuous pseudo random data transmission without any
break in transmission. This can be used for transmit VOD testing.
This is used in conjunction with the BIST controls in the PHYCR
Register (19h). For 10Mb operation, jabber function must be dis-
abled, bit 0 of the 10BTSCR (1Ah), JABBER_DIS = 1.
4
CDPATTEN_10
0, RW
CD Pattern Enable for 10Mb:
1 = Enabled.
0 = Disabled.
3
RESERVED
0, RW
RESERVED:
Must be zero.
2
10MEG_PATT_GAP
0, RW
Defines gap between data or NLP test sequences:
1 = 15
µs.
0 = 10
µs.
1:0
CDPATTSEL[1:0]
00, RW
CD Pattern Select[1:0]:
If CDPATTEN_10 = 1:
00 = Data, EOP0 sequence
01 = Data, EOP1 sequence
10 = NLPs
11 = Constant Manchester 1s (10MHz sine wave) for harmonic dis-
tortion testing.
Table 41. Phy Control Register 2 (PHYCR2), address 1Ch
Bit
Bit Name
Default
Description
15:10
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
9
SOFT_RESET
0, RW/SC
Soft Reset:
Resets the entire device minus the registers - all configuration is
preserved.
1= Reset, self-clearing.
8:0
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com