Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83849CVS/NOPB.A Datasheet(PDF) 55 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 55 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 51Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 52Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 53Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 54Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 55Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 56Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 57Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 58Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
www.national.com
54
7.1.7 Auto-Negotiation Link Partner Ability Register (ANLPAR) (Next Page)
Table 26. Auto-Negotiation Link Partner Ability Register (ANLPAR) (Next Page), address 05h
Bit
Bit Name
Default
Description
15
NP
0, RO
Next Page Indication:
1 = Link Partner desires Next Page Transfer.
0 = Link Partner does not desire Next Page Transfer.
14
ACK
0, RO
Acknowledge:
1 = Link Partner acknowledges reception of the ability data word.
0 = Not acknowledged.
The Auto-Negotiation state machine will automatically control the
this bit based on the incoming FLP bursts. Software should not at-
tempt to write to this bit.
13
MP
0, RO
Message Page:
1 = Message Page.
0 = Unformatted Page.
12
ACK2
0, RO
Acknowledge 2:
1 = Link Partner does have the ability to comply to next page mes-
sage.
0 = Link Partner does not have the ability to comply to next page
message.
11
TOGGLE
0, RO
Toggle:
1 = Previous value of the transmitted Link Code word equalled 0.
0 = Previous value of the transmitted Link Code word equalled 1.
10:0
CODE
<000 0000 0000>,
RO
Code:
This field represents the code field of the next page transmission.
If the MP bit is set (bit 13 of this register), then the code shall be
interpreted as a “Message Page,” as defined in annex 28C of
Clause 28. Otherwise, the code shall be interpreted as an “Unfor-
matted Page,” and the interpretation is application specific.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com