Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83849CVS/NOPB.A Datasheet(PDF) 80 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 80 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 76Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 77Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 78Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 79Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 80Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 81Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 82Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 83Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
79
www.national.com
8.2.2 Reset Timing
Note: It is important to choose pull-up and/or pull-down resistors for each of the hardware configuration pins that provide
fast RC time constants in order to latch-in the proper value prior to the pin transitioning to an output driver.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.2.1
Post RESET Stabilization time
prior to MDC preamble for reg-
ister accesses
MDIO is pulled high for 32-bit serial man-
agement initialization
3
µs
T2.2.2
Hardware Configuration Latch-
in Time from the Deassertion
of RESET (either soft or hard)
Hardware Configuration Pins are de-
scribed in the Pin Description section
3
µs
T2.2.3
Hardware Configuration pins
transition to output drivers
50
ns
T2.2.4
RESET pulse width
X1 Clock must be stable for at min. of 1us
during RESET pulse low time.
1
µs
Vcc
Hardware
RESET_N
MDC
32 clocks
Latch-In of Hardware
Configuration Pins
Dual Function Pins
Become Enabled As Outputs
input
output
T2.2.3
T2.2.2
T2.2.1
X1 clock
T2.2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com