Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 28 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 28 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 24Page - Texas Instruments XM33C321ASPZR Datasheet HTML 25Page - Texas Instruments XM33C321ASPZR Datasheet HTML 26Page - Texas Instruments XM33C321ASPZR Datasheet HTML 27Page - Texas Instruments XM33C321ASPZR Datasheet HTML 28Page - Texas Instruments XM33C321ASPZR Datasheet HTML 29Page - Texas Instruments XM33C321ASPZR Datasheet HTML 30Page - Texas Instruments XM33C321ASPZR Datasheet HTML 31Page - Texas Instruments XM33C321ASPZR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
Table 6-6. Comparator (COMP) Signal Descriptions (continued)
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN
ZAW PIN
COMP0_IN0+
A
COMP0 non-inverting input 0
98
98
78
30
46
C2
COMP0_IN0-
A
COMP0 inversting input 0
99
99
79
31
47
B2
COMP0_IN1+
A
COMP0 non-inverting input 1
70
70
55
11
33
K3
COMP0_IN1-
A
COMP0 inversting input 1
69
69
54
10
32
K4
COMP0_IN2+
A
COMP0 non-inverting input 2
53
53
43
7
29
K8
COMP0_IN2-
A
COMP0 inversting input 2
52
52
42
6
28
K10
COMP0_IN3+
A
COMP0 non-inverting input 3
54
54
44
30
K7
COMP1_IN0+
A
COMP1 non-inverting input 0
96
96
76
28
B1
COMP1_IN0-
A
COMP1 inversting input 0
97
97
77
29
D2
COMP1_IN1+
A
COMP1 non-inverting input 1
86
86
71
23
42
F2
COMP1_IN1-
A
COMP1 inversting input 1
92
92
72
24
43
E1
COMP1_IN2+
A
COMP1 non-inverting input 2
74
74
59
15
37
K1
COMP1_IN2-
A
COMP1 inversting input 2
73
73
58
14
36
K2
COMP1_IN3+
A
COMP1 non-inverting input 3
54
54
44
30
K7
VMON0
A
Low power voltage monitor
input 0 signal
70
70
55
11
33
K3
VMON1
A
Low power voltage monitor
input 1 signal
98
98
78
30
46
C2
VMON2
A
Low power voltage monitor
input 2 signal
99
99
79
31
47
B2
VMON3
A
Low power voltage monitor
input 3 signal
52
52
42
6
28
K10
Table 6-7. Controller Area Network (CAN) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN
ZAW PIN
CAN0_RX
I
CANFD0 receive signal
52, 99
52, 99
42, 79
31, 6
28, 47
B2, K10
CAN0_TX
O
CANFD0 transmit signal
51, 98
51, 98
41, 78
30, 5
27, 46
C2, J10
CAN1_RX
I
CANFD1 receive signal
40, 60, 84,
91
40, 60, 84,
91
30, 69
21, 58
20
E10, E3,
H1, K5
CAN1_TX
O
CANFD1 transmit signal
41, 59, 83,
90
41, 59, 83,
90
31, 68
20, 59
21
F1, F8, G2,
H6
Table 6-8. Digital Audio Interface (I2S) Signal Descriptions
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN
ZAW PIN
I2S0_BCLK
IO
Digital audio interface (I2S0)
bit clock signal
45, 51, 77,
95
45, 51, 77,
95
35, 41, 62,
75
18, 27, 5,
63
27, 40
C1, G9,
H2, J10
I2S0_MCLK
IO
Digital audio interface (I2S0)
auxiliary output signal
28, 48, 49,
96
28, 48, 49,
96
23, 38, 39,
76
2, 28, 3, 55 17, 24, 25
B1, C9,
G8, J9
I2S0_WCLK
IO
Digital audio interface (I2S0)
word clock signal
22, 27, 44,
50, 54, 70,
92
22, 27, 44,
50, 54, 70,
92
17, 22, 34,
40, 44, 55,
72
11, 24, 4,
49, 54, 62
13, 16, 26,
30, 33, 43
B7, D10,
E1, F10,
J8, K3, K7
I2S1_BCLK
IO
Digital audio interface (I2S1)
bit clock signal
43, 85
43, 85
33, 70
22, 61
23
G1, G7
I2S1_MCLK
IO
Digital audio interface (I2S1)
auxiliary output signal
44, 86
44, 86
34, 71
23, 62
42
F10, F2
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com