Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 30 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 30 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 26Page - Texas Instruments XM33C321ASPZR Datasheet HTML 27Page - Texas Instruments XM33C321ASPZR Datasheet HTML 28Page - Texas Instruments XM33C321ASPZR Datasheet HTML 29Page - Texas Instruments XM33C321ASPZR Datasheet HTML 30Page - Texas Instruments XM33C321ASPZR Datasheet HTML 31Page - Texas Instruments XM33C321ASPZR Datasheet HTML 32Page - Texas Instruments XM33C321ASPZR Datasheet HTML 33Page - Texas Instruments XM33C321ASPZR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 113 page
background image
Table 6-9. General Purpose Input Output Module Signal Descriptions (continued)
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN
ZAW PIN
PB0
IO
GPIO port B input/output 0
20
20
15
47
C6
PB1
IO
GPIO port B input/output 1
21
21
16
48
C7
PB2
IO
GPIO port B input/output 2
23
23
18
50
14
C8
PB3
IO
GPIO port B input/output 3
24
24
19
51
15
D8
PB4
IO
GPIO port B input/output 4
25
25
20
52
D9
PB5
IO
GPIO port B input/output 5
26
26
21
53
B8
PB6
IO
GPIO port B input/output 6
40
40
30
58
20
E10
PB7
IO
GPIO port B input/output 7
41
41
31
59
21
F8
PB8
IO
GPIO port B input/output 8
42
42
32
60
22
F9
PB9
IO
GPIO port B input/output 9
43
43
33
61
23
G7
PB10
IO
GPIO port B input/output 10
44
44
34
62
F10
PB11
IO
GPIO port B input/output 11
45
45
35
63
G9
PB12
IO
GPIO port B input/output 12
46
46
36
64
G10
PB13
IO
GPIO port B input/output 13
47
47
37
1
H10
PB14
IO
GPIO port B input/output 14
48
48
38
2
24
J9
PB15
IO
GPIO port B input/output 15
49
49
39
3
25
G8
PB16
IO
GPIO port B input/output 16
50
50
40
4
26
J8
PB17
IO
GPIO port B input/output 17
73
73
58
14
36
K2
PB18
IO
GPIO port B input/output 18
74
74
59
15
37
K1
PB19
IO
GPIO port B input/output 19
75
75
60
16
38
J1
PB20
IO
GPIO port B input/output 20
82
82
67
19
41
F3
PB21
IO
GPIO port B input/output 21
83
83
68
20
G2
PB22
IO
GPIO port B input/output 22
84
84
69
21
H1
PB23
IO
GPIO port B input/output 23
85
85
70
22
G1
PB24
IO
GPIO port B input/output 24
86
86
71
23
42
F2
PB25
IO
GPIO port B input/output 25
95
95
75
27
C1
PB26
IO
GPIO port B input/output 26
96
96
76
28
B1
PB27
IO
GPIO port B input/output 27
97
97
77
29
D2
PB28
IO
GPIO port B input/output 28
29
29
24
E8
PB29
IO
GPIO port B input/output 29
30
30
25
B9
PB30
IO
GPIO port B input/output 30
31
31
26
D7
PB31
IO
GPIO port B input/output 31
32
32
27
A10
PC0
IO
GPIO port C input/output 0
56
56
46
J7
PC1
IO
GPIO port C input/output 1
57
57
47
H8
PC2
IO
GPIO port C input/output 2
65
65
50
H5
PC3
IO
GPIO port C input/output 3
66
66
51
H4
PC4
IO
GPIO port C input/output 4
67
67
52
G6
PC5
IO
GPIO port C input/output 5
68
68
53
G5
PC6
IO
GPIO port C input/output 6
78
78
63
H3
PC7
IO
GPIO port C input/output 7
79
79
64
G3
PC8
IO
GPIO port C input/output 8
80
80
65
G4
PC9
IO
GPIO port C input/output 9
81
81
66
F4
PC10
IO
GPIO port C input/output 10
87
87
F5
PC11
IO
GPIO port C input/output 11
88
88
E5
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com