Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 73 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 73 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 69Page - Texas Instruments XM33C321ASPZR Datasheet HTML 70Page - Texas Instruments XM33C321ASPZR Datasheet HTML 71Page - Texas Instruments XM33C321ASPZR Datasheet HTML 72Page - Texas Instruments XM33C321ASPZR Datasheet HTML 73Page - Texas Instruments XM33C321ASPZR Datasheet HTML 74Page - Texas Instruments XM33C321ASPZR Datasheet HTML 75Page - Texas Instruments XM33C321ASPZR Datasheet HTML 76Page - Texas Instruments XM33C321ASPZR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 113 page
background image
– Internal reference voltage (1.4V, 2.5V)
– Integrated 8-bit reference DAC, the output of which is also available to connect to an external op-amp.
• Configurable operation modes:
– High speed mode
– Lower power mode
• Programmable output glitch filter delay
• Supports 6 blanking sources (refer to the CTL2 register of the COMP chapter)
• Supports device wake up from up to 4 ADC channels in most low-power modes
• Output connected to advanced timer fault handling mechanism
• The IPSEL and IMSEL bits in comparator registers can be used to select the comparator channel inputs from
device pins or from internal analog modules.
Table 8-9. COMP Blanking Source Table
CTL2.BLANKSRC VALUE
BLANKING SOURCE
1
TIMA0_0.CC2
2
TIMA0_0.CC3
3
TIMA0_1.CC2
4
TIMA0_1.CC3
5
TIMG4_0.CC1
6
TIMG4_1.CC1
Table 8-10. COMP0 Input Channel Selection
IPSEL / IMSEL BITS
POSITIVE TERMINAL INPUT
NEGATIVE TERMINAL INPUT
0x0
COMP0_IN0+
COMP0_IN0-
0x1
COMP0_IN1+
COMP0_IN1-
0x2
COMP0_IN2+
COMP0_IN2-
0x3
COMP0_IN3+
COMP0_IN3-
Table 8-11. COMP1 Input Channel Selection
IPSEL / IMSEL BITS
POSITIVE TERMINAL INPUT
NEGATIVE TERMINAL INPUT
0x0
COMP1_IN0+
COMP1_IN0-
0x1
COMP1_IN1+
COMP1_IN1-
0x2
COMP1_IN2+
COMP1_IN2-
0x3
COMP1_IN3+
COMP1_IN3-
For more information about device analog connections, see Device Analog Connections.
For more details, see the COMP chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.12.3 Temperature Sensor
The temperature sensor provides a voltage output that changes linearly (-2 mV/°C) with device temperature.
The temperature sensor output is internally connected to one of ADC input channels to enable a temperature-to-
digital conversion.
See the temperature sensor section of the MSPM33C3x 160-MHz Microcontrollers Technical Reference Manual
for guidance on calculating the device temperature with the factory trim value.
8.12.4 VREF
The shared voltage reference module (VREF) in these devices contain a configurable voltage reference buffer
which allows users to supply a stable reference to on-board analog peripherals. It also supports bringing in an
external reference for applications where higher accuracy is required.
VREF features include:
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com