Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 83 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 83 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 79Page - Texas Instruments XM33C321ASPZR Datasheet HTML 80Page - Texas Instruments XM33C321ASPZR Datasheet HTML 81Page - Texas Instruments XM33C321ASPZR Datasheet HTML 82Page - Texas Instruments XM33C321ASPZR Datasheet HTML 83Page - Texas Instruments XM33C321ASPZR Datasheet HTML 84Page - Texas Instruments XM33C321ASPZR Datasheet HTML 85Page - Texas Instruments XM33C321ASPZR Datasheet HTML 86Page - Texas Instruments XM33C321ASPZR Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 113 page
background image
Table 8-18. TIMx Configurations (continued)
TIMER
NAME
POWER
DOMAIN
RESOLUTION
PRESCALE
R
REPEAT
COUNTER
CAPTURE /
COMPARE
CHANNELS
PHASE
LOAD
SHADOW
LOAD
SHADOW
CC
DEADBAND
FAULT
QEI
TIMG12_0
PD1
32-bit
–
–
2
–
–
Yes
–
–
–
Table 8-19. TIMx Cross Trigger Map (PD1)
TSEL.ETSEL Selection
TIMA0_0, TIMA0_1
TIMG8_0, TIMG8_1
TIMG4_2, TIMG4_3
TIMG12_0
0
TIMA0_0.TRIGO
Reserved
Reserved
Reserved
1
TIMA0_1.TRIGO
Reserved
Reserved
Reserved
2
TIMG4_2.TRIGO
TIMG4_2.TRIGO
TIMG4_2.TRIGO
TIMG4_2.TRIGO
3
TIMG4_3.TRIGO
TIMG4_3.TRIGO
TIMG4_3.TRIGO
TIMG4_3.TRIGO
4
TIMG12_0.TRIGO
TIMG12_0.TRIGO
TIMG12_0.TRIGO
TIMG12_0.TRIGO
5
TIMG8_0.TRIGO
TIMG8_0.TRIGO
TIMG8_0.TRIGO
TIMG8_0.TRIGO
6
TIMG8_1.TRIGO
TIMG8_1.TRIGO
TIMG8_1.TRIGO
TIMG8_1.TRIGO
7 to 31
Reserved
18-31
Reserved
Table 8-20. TIMx Cross Trigger Map (PD0)
TSEL.ETSEL Selection
TIMG4_0
TIMG4_1
0
TIMG4_0.TRIG0
TIMG4_0.TRIG0
1
TIMG4_1.TRIG0
TIMG4_1.TRIG0
2 to 31
Reserved
For more details, see the TIMx chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.16.2 RTC_A
The RTC_A instance of the real-time clock operates off of a 32kHz input clock source (typically a low frequency
crystal) and provides a time base to the application with multiple options for interrupts to the CPU. RTC_A
provides common key features in relation to the Low-Frequency Subsystem (LFSS).
Common key features of RTC_A include:
• Counters for seconds, minutes, hours, day of the week, day of the month, month, and year
• Binary or BCD format
• Leap-year handling
• One customizable alarm interrupt based on minute, hour, day of the week, and day of the month
• Interval alarm interrupt to wake every minute, every hour, at midnight, or at noon
• Interval alarm interrupt providing periodic wake-up at 4096, 2048, 1024, 512, 256, or 128Hz
• Interval alarm interrupt providing periodic wake-up at 64, 32, 16, 8, 4, 2, 1, and 0.5Hz
• Calibration for crystal offset error (up to ±240ppm)
• Compensation for temperature drift (up to ±240ppm)
• RTC clock output to pin for calibration
• Three bit prescaler for heartbeat function with interrupt generation
• RTC external clock selection of untrimmed 32kHz, trimmed 512Hz, 256Hz, or 1Hz
• RTC time stamp capture upon detection of a timer stamp event, including tamper (TIO) event and VDD fail
event
• RTC counter lock function
Table 8-21 shows the RTC features supported in this device.
Table 8-21. RTC Instances and Key Features
RTC Features
RTC_A
Power enable register
-
Real-time clock and calendar mode providing seconds, minutes, hours, day of week, day of month, and year
Yes
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com