Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 57 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 57 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 53Page - Texas Instruments XM33C321ASPZR Datasheet HTML 54Page - Texas Instruments XM33C321ASPZR Datasheet HTML 55Page - Texas Instruments XM33C321ASPZR Datasheet HTML 56Page - Texas Instruments XM33C321ASPZR Datasheet HTML 57Page - Texas Instruments XM33C321ASPZR Datasheet HTML 58Page - Texas Instruments XM33C321ASPZR Datasheet HTML 59Page - Texas Instruments XM33C321ASPZR Datasheet HTML 60Page - Texas Instruments XM33C321ASPZR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 113 page
background image
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
tr,tf
Output rise/fall time
SDIO
VDD ≥ 2.7V, CL = 20pF
3.5
ns
VDD ≥ 1.71V, CL = 20pF
6.6
HSIO
VDD ≥ 2.7V, DRV = 1, CL = 20pF
1.8
VDD ≥ 2.7V, DRV = 0, CL = 20pF
5.9
VDD ≥ 1.71V, DRV = 1, CL = 20pF
3.7
VDD ≥ 1.71V, DRV = 0, CL = 20pF
12.6
HDIO
VDD ≥ 2.7V, DRV = 1, CL = 20pF
1.7
VDD ≥ 2.7V, DRV = 0, CL = 20pF
3.8
VDD ≥ 1.71V, DRV = 1, CL = 20pF
3.1
VDD ≥ 1.71V, DRV = 0, CL = 20pF
8.2
(1)
The sum of the |IIO| current sourced or sunk by the device must always respect the absolute maximum rating
(2)
The leakage current is measured with VSS or VDD applied to the corresponding pin(s), unless otherwise noted.
(3)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup/pulldown resistor is
disabled.
(4)
When operating a HDIO in DRV=1 high drive strength configuration, a series resistor is ncessary to limit the signal slew rate
7.12 TRNG
7.12.1 TRNG Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRNGIACT TRNG active current
TRNG clock = 20MHz
115
µA
7.12.2 TRNG Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRNGCLKF
TRNG input clock frequency
9.5
10
25
MHz
TRNGSTARTUP
TRNG startup time
520
µs
TRNGLAT32
Latency to generate 32 random bits
Decimation ratio = 4, TRNG clock =
20MHz
6.4
µs
TRNGLAT256
Latency to generate 256 random bits
Decimation ratio = 4, TRNG clock =
20MHz
51.2
µs
7.13 Emulation and Debug
7.13.1 SWD Timing
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSWD
SWD frequency
10
MHz
tsetup
SWDIO setup time
4
ns
thold
SWDIO hold time
1
ns
tovalid
SWDIO output valid time
10
ns
tohold
SWDIO output hold time
5
ns
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com