Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 77 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 77 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 73Page - Texas Instruments XM33C321ASPZR Datasheet HTML 74Page - Texas Instruments XM33C321ASPZR Datasheet HTML 75Page - Texas Instruments XM33C321ASPZR Datasheet HTML 76Page - Texas Instruments XM33C321ASPZR Datasheet HTML 77Page - Texas Instruments XM33C321ASPZR Datasheet HTML 78Page - Texas Instruments XM33C321ASPZR Datasheet HTML 79Page - Texas Instruments XM33C321ASPZR Datasheet HTML 80Page - Texas Instruments XM33C321ASPZR Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 113 page
background image
• Auto-count and compute function up to size of data transfer to generate digest (signature) without host-
assistance.
• Interrupt generation to read digest (signature)
For more details, see the SHA256 chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.13.4 Public Key Algorithm (PKA)
The PKA accelerator supports mathematical operations needed for elliptic curves up to 521 bits and RSA key
pair geenration up to 1024 bits. The module enables the following capabilities for user application.
• Key Agreement Schemes
– Elliptic curve Diffie–Hellman (ECDH)
– Elliptic curve Password Authenticated Key Exchange by Juggling (ECJ-PAKE)
• Signature Generation and Verification
– Elliptic curve Diffie-Hellman Digital Signature Algorithm (ECDSA)
• Curve Support
– Short Weierstrass form: NIST-P224, NIST-P256, NIST-P384, NIST-P521, Brainpool-256R1,
Brainpool-384R1, Brainpool-512R1, secp256r1
– Montgomery form: Curve25519
For more details, see the PKA chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.13.5 TRNG
The true random number generator (TRNG) utilizes an internal circuit to generate 32-bit random numbers. The
TRNG is intended to be used as a source to a deterministic random number generator (DRNG) to build a
FIPS-140-2 compliant system. Key features of the TRNG include:
• Generation of 32-bit random numbers
• A new 32-bit number may be generated every 32 × 4 = 128 TRNG clock cycles
• Built-in health tests
• Available in RUN and SLEEP modes
For more details, see the TRNG chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.13.6 Keystore
The Keystore controller provides secure management of the Advanced Encryption Engine (AES) keys. The
use-model of the keystore controller is to securely deposit keys into it during the execution of customer secure
code, and have the AES engine access them subsequently in a secure manner without leaking any key data to
observers. Both 128 and 256-bit keys can be stored in the keystore's key slots. The keystore and its interaction
with the AES engine are designed for secure operation including thwarting partial key modification attacks.
• Support for storage of up to 4 keys
For more details, see the KEYSTORE chapter of the MSPM33C3x 160-MHz Microcontrollers Technical
Reference Manual.
8.13.7 CRC
The cyclical redundancy check (CRC) module provides a signature for an input data sequence. Key features of
the CRC module include:
• Support for 16-bit CRC based on CRC16-CCITT
• Support for 32-bit CRC based on CRC32-ISO3309
• Support for bit reversal
• Support for custom polynomials
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com