Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 38 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 38 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 34Page - Texas Instruments XM33C321ASPZR Datasheet HTML 35Page - Texas Instruments XM33C321ASPZR Datasheet HTML 36Page - Texas Instruments XM33C321ASPZR Datasheet HTML 37Page - Texas Instruments XM33C321ASPZR Datasheet HTML 38Page - Texas Instruments XM33C321ASPZR Datasheet HTML 39Page - Texas Instruments XM33C321ASPZR Datasheet HTML 40Page - Texas Instruments XM33C321ASPZR Datasheet HTML 41Page - Texas Instruments XM33C321ASPZR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 113 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD
Supply voltage
At VDD pin
–0.3
4.1
V
VBAT
Battery Backup Supply
At VBAT pin, with respect to VSS
–0.3
4.1
V
VI
Input voltage
Applied to any common tolerance pins
–0.3
VDD + 0.3
(4.1 MAX)
V
IVDD
Maximum current into
each VDD pin
160
mA
IVSS
Maximum current out of
each VSS pin
160
mA
IIO
Current of SD IO pin
Current sunk or sourced by SD IO pin
6
mA
Current of HS IO pin
Current sunk or sourced by HS IO pin
6
mA
Current of HD IO pin
Current sunk or sourced by HD IO pin
20
mA
TJ
Junction temperature
-40
140
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
1.71
3.6
V
VBAT
At VBAT pin, with respect to VSS
1.62
3.6
V
VCORE
Voltage on VCORE pin in Run/Sleep mode (2)
1.35
V
Voltage on VCORE pin in Stop/Standby mode (2)
1.1
V
CVDD
Capacitor connected betwen VDD and VSS (1)
10
uF
CVBAT
Capacitor connected between VBAT and VSS
1
µF
CVCORE
Capacitor connected between VCORE and VSS (1) (2)
2.2
µF
TA
Ambient temperature
–40
125
°C
fMCLK
CPUCLK, MCLK frequency with 2 flash wait state (3)
160
MHz
CPUCLK, MCLK frequency with 1 flash wait state (3)
110
CPUCLK, MCLK frequency with 0 flash wait state (3)
40
(1)
Connect CVDD ,CVBAT and CVCORE between VDD/VSS , VBAT/VSS and VCORE/VSS, respectively, as close to the device pins as
possible. A low-ESR capacitor with at least the specified value and tolerance of ±20% or better is required for CVDD ,CVBAT and
CVCORE.
(2)
The VCORE pin must only be connected to CVCORE. Do not supply any voltage or apply any external load to the VCORE pin.
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
www.ti.com
38
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com