Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 78 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 78 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 74Page - Texas Instruments XM33C321ASPZR Datasheet HTML 75Page - Texas Instruments XM33C321ASPZR Datasheet HTML 76Page - Texas Instruments XM33C321ASPZR Datasheet HTML 77Page - Texas Instruments XM33C321ASPZR Datasheet HTML 78Page - Texas Instruments XM33C321ASPZR Datasheet HTML 79Page - Texas Instruments XM33C321ASPZR Datasheet HTML 80Page - Texas Instruments XM33C321ASPZR Datasheet HTML 81Page - Texas Instruments XM33C321ASPZR Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
For more details, see the CRC chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.14 Serial Communication Interfaces
8.14.1 UNICOMM (UART/I2C/SPI)
UNICOMM is a highly flexible peripheral which can be configured as a UART, SPI, I2C-Controller or I2C-Target
function. The user can select one of the serial interfaces before configuration and data transfer. The peripheral
uses a common FIFO per instance to maximize the device capability based on the operating state. A serial
peripheral group combines one or more UNICOMM for special functions like I2C loopback and is an optional
configuration. Table 8-12 describes the grouping of UNICOMM, peripheral serial interfaces available and FIFO
depth.
Table 8-12. UNICOMM (UCx) Serial Peripheral
UNICOMM
INSTANCE
SERIAL
PERIPHERAL
GROUP
UART
I2C Controller
I2C Target
SPI
FIFO depth
UC1
SPG0 (PD0)
Yes
Yes
Yes
-
16
UC2
SPG1 (PD1)
-
-
-
Yes
4
UC15
-
Yes
Yes
-
4
UC12
Yes
-
-
-
4
UC13_0
Yes
Yes
Yes
Yes
4
UC13_1
SPG2 (PD1)
Yes
Yes
Yes
Yes
4
UC13_2
Yes
Yes
Yes
Yes
4
UC13_3
Yes
Yes
Yes
Yes
4
UC14
Yes
Yes
Yes
-
4
8.14.1.1 UART (UNICOMM)
The UART peripheral function provide the following key features:
• Standard asynchronous communication bits for start, stop, and parity
• Fully programmable serial interface
– 5, 6, 7 or 8 data bits
– Even, odd, stick, or no-parity bit generation and detection
– 1 or 2 stop bit generation
– Line-break detection
– Glitch filter on the input signals
– Programmable baud rate generation with oversampling by 16, 8 or 3
– Local Interconnect Network (LIN) mode support
• Support transmit and receive loopback mode operation
• See Table 8-13 for detail information on supported protocols
Table 8-13. UART (UNICOMM) Features
Supported Features
UC1.UART
UC12.UART
UC13.UART
UC14.UART
Active in Stop and Standby Mode
Yes
-
-
-
Support hardware flow control
Yes
Yes
Yes
Yes
Support 9-bit configuration
Yes
Yes
Yes
Yes
Support LIN mode
Yes
Yes
-
Yes
Support DALI
-
Yes
-
-
Support IrDA
-
Yes
-
-
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
www.ti.com
78
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com