Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 72 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 72 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 68Page - Texas Instruments XM33C321ASPZR Datasheet HTML 69Page - Texas Instruments XM33C321ASPZR Datasheet HTML 70Page - Texas Instruments XM33C321ASPZR Datasheet HTML 71Page - Texas Instruments XM33C321ASPZR Datasheet HTML 72Page - Texas Instruments XM33C321ASPZR Datasheet HTML 73Page - Texas Instruments XM33C321ASPZR Datasheet HTML 74Page - Texas Instruments XM33C321ASPZR Datasheet HTML 75Page - Texas Instruments XM33C321ASPZR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 113 page
background image
– Independent Sample and Hold Window up to 1472 sample clocks for high impedance analog signals
– User configurable automatic abort to pre-empt high priority sequencer during active conversion
• Sample cap reset option with preset to VREF- or (VREF+ - VREF-)/2
• Up to 4 post processing blocks (PPB) with offset correction, zero-crossing detection and compare high/low
function
• Internal channels for temperature sensing and supply monitoring
• Software selectable reference:
– Configurable internal reference voltage of 1.4V and 2.5V (requires decoupling capacitor on VREF+/- pins)
– External reference supplied to the ADC through the VREF+/- pins
Table 8-8. ADC Channel Mapping
CHANNEL[0:31]
SIGNAL NAME(1)
HSADC0
HSADC1
0
A0_0
A1_0
1
A0_1
A1_1
2
A0_2
A1_2
3
A0_3
A1_3
4
A0_4
A1_4
5
A0_5
A1_5
6
A0_6
A1_6
7
A0_7
A1_7
8
A0_8
A1_8
9
A0_9
A1_9
10
A0_10
A1_10
11
Temperature Sensor
A1_11
12
A0_12
A1_12
13
A0_13
A1_13
14
A0_14
A1_14
15
A0_15
-
16
A0_16
-
17
A0_17
-
18
A0_18
-
19
A0_19
-
20
A0_20
-
21
A0_21
-
22 - 29
-
-
30
VBAT Monitor
VBAT Monitor
31
Supply Monitor
Supply Monitor
(1)
For more information about device analog connections please refer to Section 8.12.5
For more details, see the ADC chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.12.2 COMP
The comparator peripheral in the device compares the voltage levels on two inputs terminals and provides a
digital output based on this comparison. It supports the following key features:
• Programmable hysteresis
• Programmable reference voltage:
– External reference voltage (VREF IO)
MSPM33C321A, MSPM33C3219
SLASFB6 – DECEMBER 2025
www.ti.com
72
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com