Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68127IRAZ Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 39Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 43Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 44Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 45Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 46Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 43 of 48
Jul 12, 2019
READ_TEMPERATURE_3 (8Fh)
Definition: Returns the temperature reading from a remote diode connected to TMON1 when configured for diode sensing.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Direct
Type: Read Only
Default Value: N/A
Units: °C
Equation: READ_TEMPERATURE_3 = (Direct value)
READ_POUT (96h)
Definition: Returns the output power.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Direct
Type: Read Only
Default Value: N/A
Units: W
Equation: READ_POUT = (Direct value)
READ_PIN (97h)
Definition: Returns the input power.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Direct
Type: Read Only
Default Value: N/A
Units: W
Equation: READ_PIN = (Direct value)
COMMAND
READ_TEMPERATURE_3 (8Fh)
Format
Direct
Bit Position
15
14
13
12
11
10
9876
5432
10
Access
RR
RRRRR
RRRR
RRRR
R
Function
Two’s Complement Integer
COMMAND
READ_POUT (96h)
Format
Direct
Bit Position
15
14
13
12
11
10
9876
5432
10
Access
RR
RRRRR
RRRR
RRRR
R
Function
Two’s Complement Integer
COMMAND
READ_PIN (97h)
Format
Direct
Bit Position
15
14
13
12
11
10
9876
5432
10
Access
RR
RRRRR
RRRR
RRRR
R
Function
Two’s Complement Integer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com